M8TS-044-R/BL
AI

The **M8TS-044-R/BL** refers to a specific series of **M8 Circular Connectors**. These are widely used in industrial automation for connecting sensors, actuators, and Fieldbus components.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular |
| **Number of Pins** | 4-Pin |
| **Gender** | Receptacle / Female (Typical for -R suffix) |
| **Mounting Type** | PCB Mount (Through-hole or SMT) |
| **Orientation** | Right-Angle (R) / Back-Lock (BL) |
| **Coding** | A-Coded (Standard for Sensors) |
| **Rated Voltage** | 30V - 60V AC/DC |
| **Rated Current** | 3A - 4A per contact |
| **Ingress Protection** | IP67 (When mated) |
---
### 2. Functional Component Breakdown
#### A. Contact Pins (The Electronic Interface)
* **Material:** Usually made of Copper Alloy with Gold (Au) plating.
* **Purpose:** Gold plating ensures low contact resistance and prevents oxidation in harsh industrial environments.
* **Layout:** 4-pin configuration follows the standard industrial wiring for power (+), ground (-), and two signal lines (often NO/NC).
#### B. The "Back-Lock" (BL) Mechanism
* The **BL** designation indicates a **Back-Lock** Nut or mounting style. This is an electronic packaging feature that allows the connector to be secured to a panel or housing from the rear, ensuring a tight seal against dust and moisture.
#### C. Termination Style
* As a PCB-mounted part, it features solder tails. These are designed to be soldered directly onto a printed circuit board, acting as the bridge between the external cable and the internal circuitry of a device (like a PLC or Sensor Hub).
---
### 3. Application Use Cases
1. **Industrial Sensors:** Connecting Proximity, Photoelectric, or Ultrasonic sensors.
2. **Actuators:** Driving small solenoid valves or indicators.
3. **Robotics:** Used in "End-of-Arm" tooling where space is limited and small-form-factor connectors are required.
4. **Data Transmission:** A-coded M8 connectors are standard for basic I/O communication.
---
### 4. Circuit Diagram Representation
In a standard 4-pin A-coded M8 configuration, the pinout typically follows this electronic convention:
```text
Pin 1: Brown (+) 24V DC
Pin 2: White (I/O Signal 2)
Pin 3: Blue (-) 0V / GND
Pin 4: Black (I/O Signal 1)
```
- ⤷
What is the difference between A-coded and B-coded M8 connectors?
- ⤷ Can you provide the footprint dimensions for PCB mounting?
- ⤷ What are the torque requirements for the Back-Lock nut?