M8TS-155-R
AI

The **M8TS-155-R** is a specialized electronic component, primarily recognized as a **Surface Mount (SMT) Common Mode Choke** or a **Transformers/Filter module** often utilized in high-speed data communication and power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M8TS-155-R belongs to a category of magnetic components designed to suppress high-frequency noise (Electromagnetic Interference - EMI) while allowing the desired signal to pass.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance** | Usually characterized by impedance at specific frequencies |
| **Operating Temperature** | -40°C to +125°C (Industrial Grade) |
| **RoHS Status** | Compliant (R suffix often denotes RoHS) |
---
### 2. Key Electronic Functions
This part performs three primary roles within a circuit:
* **EMI Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both signal lines—which is common in switching power supplies.
* **Signal Integrity:** By reducing noise without significantly attenuating the differential signal, it ensures high-speed data (like USB or Ethernet) remains clean.
* **Magnetic Isolation:** It provides a degree of inductive coupling that can protect sensitive downstream ICs from transient voltage spikes.
---
### 3. Physical & Material Composition
Understanding the "build" of the M8TS-155-R helps in identifying its durability:
1. **Core Material:** Ferrite (NiZn or MnZn). Ferrite is chosen for its high permeability and efficiency at high frequencies.
2. **Windings:** Copper wire with high-temperature insulation (enamel).
3. **Termination:** Tin-plated (Sn) leads or pads for reliable soldering.
4. **Encapsulation:** Often housed in a heat-resistant plastic header or molded epoxy to withstand reflow soldering temperatures.
---
### 4. Typical Applications
Where you will likely find the M8TS-155-R:
* **DC/DC Converters:** Filtering noise generated by high-frequency switching FETs.
* **CAN-Bus / Automotive Electronics:** Protecting communication lines from engine noise.
* **USB 3.0 / HDMI Interfaces:** Ensuring high-speed data lines meet EMC compliance standards.
---
### 5. Schematic Representation
In an electronic schematic, the M8TS-155-R is represented as two coupled inductors:
```text
Line In 1 o---( Inductor 1 )---o Line Out 1
( ( (
( ( ( <-- Magnetic Coupling
Line In 2 o---( Inductor 2 )---o Line Out 2
```
- ⤷
What is the rated current for the M8TS-155-R?
- ⤷ Can this part be used in automotive AEC-Q200 applications?
- ⤷ What are the physical dimensions of the M8TS series package?