AI

The **M8TS-16A-R** is a specific electronic component, typically identified as a **high-current rotary switch** or a **coded rotary switch** (often used in industrial automation or power management settings). Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The M8TS series is designed for reliability in switching logic signals or power states.
| Parameter | Description |
| :--- | :--- |
| **Model Number** | M8TS-16A-R |
| **Switch Type** | Rotary Coded Switch |
| **Number of Positions** | 16 (Hexadecimal: 0-9, A-F) |
| **Actuator Type** | Flat/Screwdriver Slot (usually) |
| **Contact Material** | Gold-plated (to prevent oxidation) |
| **Mounting Type** | Through-hole or PCB Mount |
---
### 2. Electronic Characteristics
These parts are engineered to handle specific voltage and current thresholds to ensure long-term stability.
* **Current Rating:** The "16A" in some naming conventions refers to the logic type or capacity, but generally, these small-form switches handle **100mA at 5V DC** for switching, and up to **250mA** for non-switching carry current.
* **Voltage Rating:** Rated for low-voltage logic circuits (typically 5V, 12V, or 24V DC).
* **Contact Resistance:** Extremely low (usually under 100mΩ) to ensure signal integrity.
* **Insulation Resistance:** High threshold (usually 1,000MΩ at 100V DC) to prevent cross-talk between pins.
---
### 3. Pin Configuration and Encoding
The **M8TS-16A-R** uses a Binary Coded Decimal (BCD) or Hexadecimal output logic.
* **Common Pin:** This is the input pin.
* **Output Pins (1, 2, 4, 8):** Depending on the position of the dial, the common pin connects to a combination of these four pins.
* **Logic Example:**
* Position `0`: No pins connected.
* Position `1`: Pin 1 is active.
* Position `3`: Pins 1 and 2 are active ($1 + 2 = 3$).
* Position `F (15)`: All pins (1, 2, 4, 8) are active ($1+2+4+8=15$).
---
### 4. Key Applications
1. **Address Setting:** Used on PLC modules or industrial sensors to set the device ID on a network.
2. **Mode Selection:** Selecting between different software operating modes on a PCB.
3. **Configuration:** Hardware-level configuration for embedded systems.
---
### 5. Part Suffix Meanings
* **16:** Refers to the 16-position (0-F) capability.
* **A:** Often denotes the actuator style (Top-actuated).
* **R:** Usually indicates "Real Code" (as opposed to "Complement Code" where the logic is inverted).
- ⤷
What is the difference between Real Code and Complement Code in rotary switches?
- ⤷ Can the M8TS-16A-R be used for AC power switching?
- ⤷ How do I solder this component to a PCB without damaging the internal contacts?