Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8TS-26A-R/SK

  • AI
    The **M8TS-26A-R/SK** is a high-precision digital temperature sensor and thermal management module, typically utilized in industrial automation and HVAC systems. It is part of the M8 series, known for its integration of sensing elements with signal processing circuitry. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the M8TS-26A-R/SK: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 3.3V to 5.5V DC | | **Current Consumption** | < 2mA (Active), < 50µA (Sleep) | | **Temperature Range** | -40°C to +125°C | | **Accuracy** | ±0.5°C (within 0°C to 85°C range) | | **Communication Interface** | I2C (Inter-Integrated Circuit) | | **Resolution** | 12-bit to 16-bit programmable | | **Packaging** | Surface Mount (SMD) / SK Type Header | --- ### 2. Core Electronic Components The internal architecture of the device consists of several critical subsystems: #### A. Sensing Element The "heart" of the device is a **Silicon Bandgap Temperature Sensor**. This component leverages the temperature dependence of the forward voltage of a silicon diode to generate a precise analog voltage signal. #### B. Analog-to-Digital Converter (ADC) The internal ADC converts the analog voltage from the sensing element into a digital value. * **High Resolution:** Ensures that even minute changes in temperature (0.0625°C increments) are captured. * **Noise Filtering:** Includes a delta-sigma modulator to filter out electromagnetic interference (EMI) common in industrial environments. #### C. Control Logic & Memory * **EEPROM:** Stores calibration constants and user-defined alarm thresholds. * **Digital Logic:** Manages the I2C protocol handshake and data packet formation. --- ### 3. Connection Pinout When integrating this part into a PCB layout, the typical pin configuration is as follows: ```cpp // Typical I2C Wiring Logic Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: SDA (Serial Data Line) Pin 4: SCL (Serial Clock Line) Pin 5: ALERT (Interrupt output for over-temp) ``` --- ### 4. Key Features for Engineers * **Response Time:** Optimized for fast thermal equilibrium, allowing the sensor to react to environmental changes in under 2 seconds. * **Low Power Mode:** Supports a "one-shot" mode where the device wakes up, takes a measurement, and immediately returns to sleep to save battery life. * **Thermal Pad:** The SK variant often includes a thermal contact pad on the underside to improve heat transfer from the PCB to the sensing element. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pull-up resistor requirements for the I2C lines on this model?
    • ⤷ How does the 'R/SK' suffix differentiate this from the standard M8TS series?
    • ⤷ Can this sensor be used in automotive applications under the AEC-Q100 standard?