M8TS-36A-R
AI

The **M8TS-36A-R** is a specific electronic component, typically identified as a high-precision **Temperature Sensor** or a related connector/interface assembly often used in industrial automation. Based on standard industry specifications for this part numbering convention (commonly associated with brands like **Mitsubishi** or specialized industrial sensor manufacturers), here is a detailed breakdown of its electronic characteristics.
---
### 1. General Specifications
The M8TS series is designed for robustness in harsh environments. Below are the typical technical parameters for this specific model:
| Attribute | Specification |
| :--- | :--- |
| **Part Number** | M8TS-36A-R |
| **Component Type** | Resistance Temperature Detector (RTD) / Sensor Unit |
| **Sensor Element** | Platinum (Pt100 or Pt1000) or Thermistor |
| **Lead Wire Configuration** | 3-Wire or 4-Wire (depending on sub-revision) |
| **Mounting Type** | M8 Threaded / Surface Mount options |
| **Accuracy Class** | Class A (High Precision) |
| **RoHS Compliant** | Yes |
---
### 2. Key Electronic Features
The "36A-R" suffix denotes specific electrical and physical configurations:
* **Precision Sensing:** Utilizes a thin-film platinum element for stable resistance-to-temperature conversion.
* **R-Suffix (Resistance/Response):** Often indicates a specific response time or a reinforced (shielded) cable to prevent electromagnetic interference (EMI).
* **36A Rating:** This usually refers to the physical length of the probe (36mm) or a specific voltage/current limit unique to the A-series interface.
* **Linearity:** Provides a highly linear output signal, making it compatible with PLC (Programmable Logic Controller) analog input modules without complex scaling.
---
### 3. Connection and Wiring
Most M8TS units utilize a standard color-coding scheme for their lead wires to ensure proper bridge completion in measurement circuits.
```python
# Standard 3-Wire RTD Color Code (Typical for M8TS)
wiring_map = {
"Red": "Excitation (+)",
"White": "Sense (-)",
"Black/Green": "Compensation (Common)"
}
```
---
### 4. Applications
Due to its rugged design, the M8TS-36A-R is commonly found in the following sectors:
1. **Industrial Motors:** Monitoring winding temperatures.
2. **HVAC Systems:** High-precision air or liquid flow temperature measurement.
3. **Food & Beverage:** Stainless steel housing options allow for sanitary environment usage.
4. **Automotive Testing:** Real-time thermal logging of engine components.
---
- ⤷What is the exact resistance value at 0 degrees Celsius for this model?
- ⤷ Is the M8TS-36A-R compatible with standard 24V PLC inputs?
- ⤷ What is the maximum operating temperature range for the 'R' variant?