Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8TS-599-R/

  • AI
    The **M8TS-599-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **Sensor/Actuator Cable Assembly** connector, often used in industrial automation. Below is a detailed breakdown of its electronic and physical characteristics. --- ### 1. General Specifications The "M8" prefix indicates the metric thread size, which is a standard in industrial environments for space-constrained applications. | Feature | Description | | :--- | :--- | | **Connector Type** | M8 Series | | **Gender** | Often Male (Plug) or Female (Socket) depending on the suffix | | **Pin Configuration** | Typically 3 or 4 pins (Standard for M8) | | **Termination Style** | Solder or Screw terminal (depending on specific R-variant) | | **Shielding** | Usually unshielded (unless specified otherwise) | --- ### 2. Key Electronic Parameters These parts are designed to handle low-power signals and sensor data. * **Rated Voltage:** Usually 30V AC/DC to 60V AC/DC. * **Rated Current:** Typically 1A to 4A per contact. * **Insulation Resistance:** $\geq 100 \, M\Omega$. * **Contact Resistance:** $\leq 10 \, m\Omega$. * **Dielectric Strength:** Capable of withstanding $500V - 1000V$ AC for one minute. --- ### 3. Physical & Material Composition The "R" in the part number often denotes **RoHS Compliance** or a **Right-Angle** orientation. | Part | Material | | :--- | :--- | | **Housing/Body** | PBT (Polybutylene terephthalate) or Nickel-plated Brass | | **Contacts** | Brass or Phosphor Bronze with Gold (Au) plating | | **O-Ring/Seal** | FKM or NBR (Provides IP67/IP68 protection) | | **Coupling Nut** | Zinc die-cast or Brass (Nickel plated) | --- ### 4. Applications The M8TS-599-R is primarily used in the following sectors: 1. **Factory Automation:** Connecting proximity sensors, photoelectric switches, and limit switches. 2. **Robotics:** Used in end-of-arm tooling where space is limited. 3. **Data Acquisition:** Small-scale PLC (Programmable Logic Controller) inputs. 4. **Medical Equipment:** Compact signal transmission lines. --- ### 5. Installation Note When integrating this part into a circuit: * **IP Rating:** Ensure the coupling nut is tightened to the recommended torque (usually 0.4 Nm) to maintain the waterproof seal. * **Wiring:** Pay close attention to the "Coding" (usually A-coded for sensors) to prevent misalignment during mating.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the M8TS-599-R?
    • ⤷ Is the M8TS-599-R rated for IP67 or IP68 environments?
    • ⤷ What is the maximum wire gauge (AWG) supported by this connector?