Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8TS1-099-R

  • AI
    The **M8TS1-099-R** is a specific part number primarily associated with **M8 Circular Connectors**. These are industrial-grade components designed for sensor, actuator, and fieldbus applications. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Overview and Classification The M8 series is a standard in industrial automation due to its compact size and reliability in harsh environments. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular | | **Gender** | Male (Typically Plug) | | **Number of Pins** | 3 Pins (Standard for M8TS series) | | **Mounting Type** | Right Angle (indicated by the "R" suffix) | | **Termination** | Through-hole (Solder) or Wire-lead (Model dependent) | --- ## 2. Electrical Specifications These parts are engineered to handle low-power signals and DC power supply for industrial sensors. * **Rated Voltage:** Typically 30V to 60V AC/DC. * **Rated Current:** 1A to 3A per contact (depending on wire gauge). * **Contact Resistance:** $\le 10 m\Omega$. * **Insulation Resistance:** $\ge 100 M\Omega$ at 500V DC. * **Dielectric Strength:** 500V AC for 1 minute. --- ## 3. Mechanical & Environmental Features The "TS" and "R" designators often refer to specific mechanical configurations. ### Key Components: 1. **Housing:** Usually made of Polyamide (PA66) or PBT (Polybutylene Terephthalate) for heat resistance. 2. **Contacts:** Brass or Phosphor Bronze with **Gold Plating** to prevent oxidation and ensure stable signal transmission. 3. **Shielding:** Many versions include a metal shell for EMI/RFI protection. 4. **Ingress Protection:** When properly mated, these parts typically meet **IP67** standards (dust-tight and protected against water immersion). --- ## 4. Pin Configuration (3-Pin Layout) In a standard M8 3-pin setup, the wiring usually follows the industrial color code: | Pin Number | Function | Standard Wire Color | | :--- | :--- | :--- | | **1** | Brown | +VCC (Positive Power) | | **3** | Blue | -GND (Ground) | | **4** | Black | OUT (Signal/Switching) | --- ## 5. Applications * **Proximity Sensors:** Inductive and capacitive sensors. * **Small Actuators:** Solenoid valves and small motors. * **Robotics:** End-of-arm tooling connections. * **Factory Automation:** Connecting I/O modules to PLCs.
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch and mounting footprint for the M8TS1-099-R on a PCB?
    • ⤷ Does this specific model support shielding for high-frequency data transmission?
    • ⤷ What are the temperature range limitations for the M8TS1 series?