Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8TS1-566-R/SK

  • AI
    The **M8TS1-566-R/SK** is a high-precision magnetic position sensor, typically categorized as a magnetic encoder or hall-effect sensor module. These components are widely used in industrial automation, robotics, and motor control for non-contact feedback. --- ### 1. Technical Specifications Overview The "M8TS" series usually refers to magnetic tape or ring sensors that interact with a magnetized scale to determine absolute or incremental position. | Parameter | Typical Value / Description | | :--- | :--- | | **Sensor Type** | Magnetic Off-axis / Linear Sensor | | **Output Interface** | SSI (Synchronous Serial Interface) or Incremental (A/B/Z) | | **Resolution** | High (often up to 1µm or 0.001°) | | **Operating Voltage** | 5V DC ± 5% | | **Connector Type** | M8 Circular Connector (typically 5-pin or 8-pin) | | **Protection Class** | IP67 (Dust and Water Resistant) | | **Mounting** | Remote sensing head with cable | --- ### 2. Key Electronic Components The internal circuitry of this part consists of several critical stages: #### A. Hall-Effect Array The "front end" of the device contains a set of Hall-effect elements. As the sensor moves across a magnetic pole (North/South), the array detects the varying magnetic field density. #### B. Signal Conditioning & Interpolation Because the raw magnetic signal is sinusoidal, the internal ASIC (Application Specific Integrated Circuit) performs: * **Amplification:** Boosting weak hall signals. * **ADC Conversion:** Converting analog waves to digital data. * **Interpolation:** Mathematically dividing the magnetic period to achieve sub-micron resolution. #### C. Output Driver The electronics include a line driver (often RS422 compliant) to ensure the signal can travel through long cables without interference or degradation. --- ### 3. Pinout & Connectivity While pinouts can vary by manufacturer variants, a standard M8 8-pin configuration for this class of sensor is common: ```text Pin 1: VCC (+5V) Pin 2: GND (0V) Pin 3: Data + (SSI) Pin 4: Data - (SSI) Pin 5: Clock + (SSI) Pin 6: Clock - (SSI) Pin 7: Error/Warning Signal Pin 8: Shield/Ground ``` --- ### 4. Applications * **CNC Machinery:** Precise positioning of the tool head. * **Robotic Joints:** Monitoring the angular position of brushless motors. * **Linear Actuators:** Providing feedback for closed-loop motion control. * **Harsh Environments:** Since it is magnetic (non-optical), it is immune to dust, oil, and humidity. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance between the M8TS1 sensor and the magnetic scale?
    • ⤷ Does this model support real-time diagnostic output for magnetic field strength?
    • ⤷ What are the specific mounting tolerances for the R/SK variant?