M8VS1-166-R
AI

### Electronic Specifications for M8VS1-166-R
The **M8VS1-166-R** is a specific model within the **M8V series** of Solid State Drives (SSDs) manufactured by **Plextor**. This particular part number refers to the 128GB or 256GB variants (depending on regional SKU) in the **M.2 2280** form factor utilizing the **SATA III** interface.
---
### 1. Key Technical Specifications
Below are the primary electronic and performance characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm x 22mm) |
| **Interface** | SATA III 6.0 Gb/s (Backward compatible with SATA II) |
| **NAND Flash Type** | Toshiba/Kioxia 64-layer 3D TLC (BiCS3) |
| **Controller** | Silicon Motion SM2258 |
| **DRAM Cache** | 512MB DDR3 (varies by capacity) |
| **Sequential Read** | Up to 560 MB/s |
| **Sequential Write** | Up to 400 - 520 MB/s |
---
### 2. Internal Component Breakdown
#### A. The Controller (Silicon Motion SM2258)
The "brain" of the M8VS1 is the **SM2258**. It is a high-performance SATA 6Gb/s SSD controller.
* **LDPC ECC Technology:** Uses Low-Density Parity-Check code to correct data errors, significantly extending the endurance of the 3D TLC NAND.
* **Direct-to-TLC & SLC Caching:** It manages a portion of the drive as a fast SLC cache to handle burst write operations efficiently.
#### B. NAND Flash (3D TLC)
Unlike older 2D (Planar) NAND, the **64-layer 3D TLC** used in this part stacks cells vertically.
* **Electronic Benefit:** This reduces cell-to-cell interference, resulting in higher reliability and lower power consumption compared to older generations.
#### C. Power Management and Voltage
The device operates on the standard M.2 supply voltage:
* **Supply Voltage:** 3.3V ± 5%
* **Power Consumption (Active):** Typical 2.0W to 2.5W during heavy R/W operations.
* **Power Consumption (Idle):** < 0.3W, supporting low-power states to preserve battery life in laptops.
---
### 3. Reliability and Endurance Features
The electronic design includes several safeguards to ensure data integrity:
1. **PlexNitro:** A proprietary cache acceleration technology that uses an SLC buffer so that the user has full access to the drive's capacity without needing to set aside "over-provisioning" space.
2. **TrueSpeed:** A firmware-level technology that prevents the SSD from slowing down (dropping to "dirty" speeds) after long-term usage or when the drive is nearly full.
3. **MTBF:** Rated at 1.5 million hours, indicating high electronic component stability.
- ⤷
What is the difference between the M8VS1 and the M8VG series?
- ⤷ Is this SSD compatible with an NVMe-only M.2 slot?
- ⤷ How does the Silicon Motion SM2258 controller handle thermal throttling?