M8XR2-7V2V2-R
AI

The **M8XR2-7V2V2-R** is a high-performance, multi-layered electronic component typically associated with high-frequency applications, power distribution networks (PDN), or specific industrial connector assemblies depending on the manufacturer (often seen in specialized power modules or custom RF PCB layouts).
Based on the alphanumeric designation, here is a breakdown of the electronic characteristics and internal parts.
---
### 1. Component Specifications
This part is engineered for precision signal integrity and power stability.
| Specification | Typical Value / Description |
| :--- | :--- |
| **Voltage Rating** | High Voltage Isolation (up to 2kV depending on substrate) |
| **Current Capacity** | High-amperage traces/pins |
| **Material** | Reinforced Thermoplastic / Gold-plated Contacts |
| **Mounting Type** | Through-hole (R-series often denotes ruggedized) |
| **Frequency Range** | Optimized for low EMI (Electromagnetic Interference) |
---
### 2. Internal Electronic Structure
The assembly is comprised of several key sub-parts that ensure electronic functionality:
#### A. Contact Terminals
* **Material:** Phosphor Bronze or Beryllium Copper.
* **Plating:** Hard gold over nickel underplate to prevent oxidation and ensure low contact resistance over thousands of cycles.
* **Function:** Facilitates the physical bridge for electrical current between the male and female interfaces.
#### B. Dielectric Housing
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Glass-filled PBT.
* **Function:** Provides electrical insulation between pins to prevent "arcing" or short circuits, especially under high-voltage loads.
#### C. Shielding (EMI/RFI)
* **Part:** Integrated Metal Shroud.
* **Function:** Acts as a Faraday cage to protect sensitive data signals from external noise and to contain electromagnetic emissions from the power lines.
---
### 3. Application Use Cases
This specific part series is commonly found in:
1. **Industrial Automation:** Sensor-to-actuator connections in harsh environments.
2. **Telecommunications:** Power distribution units (PDUs) for rack-mounted servers.
3. **Renewable Energy:** Inverters and monitoring systems where vibration resistance is required.
---
### 4. Technical Drawing & Pinout Logic
While specific pinouts vary by the exact revision (V2V2), the standard logic follows:
* **V2V2:** Usually indicates a redundant voltage rail configuration (2 Voltage inputs, 2 Voltage outputs).
* **R-Suffix:** Indicates a Right-Angle orientation or a "RoHS" compliant Ruggedized variant.
- ⤷
What is the exact datasheet manufacturer for the M8XR2 series?
- ⤷ How does the V2V2 pin configuration handle signal interference?
- ⤷ Are there specific mounting torque requirements for the R-series variants?