M8XT2-1V2Z1-R
AI

The **M8XT2-1V2Z1-R** is a high-performance, industrial-grade power module, specifically categorized as an **Isolated DC-DC Converter**. These components are designed to convert a source of direct current (DC) from one voltage level to another while providing galvanic isolation between the input and output circuits.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electrical characteristics for this class of module:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Isolated DC-DC Converter |
| **Input Voltage Range** | Typically wide-range (e.g., 9V - 36V or 18V - 75V) |
| **Output Voltage** | Regulated DC Output (specific to the sub-model) |
| **Isolation Rating** | 1.5kV to 3kV DC (Standard for industrial safety) |
| **Form Factor** | Compact, high-density brick or through-hole module |
| **Efficiency** | High efficiency (often >88%) to minimize heat dissipation |
---
### 2. Core Internal Electronic Components
The functionality of the M8XT2-1V2Z1-R relies on several internal electronic blocks:
1. **Switching Controller (IC):** Uses Pulse Width Modulation (PWM) to control the high-frequency switching of the input power.
2. **MOSFETs:** High-speed transistors that "chop" the DC input into high-frequency AC.
3. **Isolation Transformer:** The heart of the unit; it transfers energy from the primary to the secondary side through a magnetic field, ensuring no direct electrical connection (safety isolation).
4. **Rectification Circuit:** Converts the high-frequency AC from the transformer back into stable DC.
5. **Filtering Network (LC Filters):** Capacitors and inductors are used at both the input and output to reduce "ripple" voltage and electromagnetic interference (EMI).
---
### 3. Safety and Control Features
This module is engineered with protective electronics to ensure the longevity of the connected system:
* **Over-Voltage Protection (OVP):** Shuts down or clamps the output if the voltage exceeds safe limits.
* **Short-Circuit Protection (SCP):** Prevents damage if the output wires are accidentally crossed.
* **Thermal Shutdown:** Includes an internal thermistor to monitor heat and turn off the unit if it exceeds its operating temperature range.
* **Remote On/Off:** A control pin that allows a microcontroller (like an Arduino or PLC) to enable or disable the power supply.
---
### 4. Common Applications
The M8XT2 series is predominantly used in rugged environments where power stability is critical:
* **Industrial Automation:** Powering sensors and PLCs on a factory floor.
* **Telecommunications:** Converting battery bank voltages for networking gear.
* **Transportation:** Providing stable power in railway or automotive electronics where input spikes are common.
- ⤷What is the exact input/output voltage rating for this specific part number?
- ⤷ Can you provide the pinout diagram or physical dimensions?
- ⤷ How does this module handle electromagnetic interference (EMI) standards?