Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8XT2-2V2V2-R

  • AI
    The **M8XT2-2V2V2-R** is a high-precision, multi-constellation GNSS (Global Navigation Satellite System) module, typically part of the u-blox M8 series architecture. These modules are engineered for applications requiring high sensitivity and fast acquisition times in a compact form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **GNSS Engine** | u-blox M8 (Concurrent reception) | | **Constellations** | GPS/QZSS, GLONASS, BeiDou, Galileo | | **Supply Voltage** | 1.65 V to 3.6 V (Typical 1.8V or 3.0V depending on sub-model) | | **Channels** | 72-channel engine | | **Sensitivity** | -167 dBm (Tracking) / -148 dBm (Cold Start) | | **Update Rate** | Up to 10 Hz (Concurrent GNSS) | | **Interface** | UART, USB, I2C (DDC), SPI | --- ### 2. Internal Electronic Architecture The "Electronic Parts" within the module consist of several critical subsystems: #### A. The RF Front-End The module contains a Low Noise Amplifier (LNA) and a Surface Acoustic Wave (SAW) filter. * **SAW Filter:** Acts as a gatekeeper, filtering out out-of-band interference (like cellular or Wi-Fi signals) to ensure the GNSS signal remains clean. * **LNA:** Boosts the extremely weak signals received from the satellites before they reach the digital processing stage. #### B. TCXO (Temperature Compensated Crystal Oscillator) Unlike cheaper modules that use a standard crystal, the "T" in many M8 series variants signifies a **TCXO**. This component is vital for: * Fast Cold Starts (Short Time-To-First-Fix). * Stability across a wide temperature range (-40°C to +85°C). #### C. Power Management Unit (PMU) The module integrates an internal LDO (Low Dropout Regulator) and power management circuitry. This allows it to switch into various power-saving modes (such as **Power Save Mode - PSM**) to reduce current consumption in battery-operated devices. #### D. Flash Memory / ROM * **ROM-based:** Some versions store firmware on read-only memory. * **Flash-based:** Often indicated in specific suffixes, allowing for firmware updates and the storage of "AssistNow" offline data for faster positioning. --- ### 3. Pin Configuration and Connectivity The physical interface typically involves a small SMT (Surface Mount Technology) footprint. * **VCC:** Main Power Supply. * **V_BCKP:** Backup battery input to keep the RTC (Real Time Clock) running for hot starts. * **TXD/RXD:** Main UART communication for NMEA or UBX protocol messages. * **TIMEPULSE:** A 1PPS (Pulse Per Second) signal used for time synchronization applications. --- ### 4. Typical Application Circuit When integrating this part into a PCB, the following components are usually required: ```c // Critical External Components 1. Decoupling Capacitors (100nF and 4.7uF) near VCC. 2. 3.3V or 1.8V LDO depending on system logic levels. 3. Active or Passive Antenna (with a 50-ohm trace impedance). 4. Battery Backup (e.g., a small CR1220 or Supercapacitor) for V_BCKP. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M8XT and the standard M8N modules?
    • ⤷ How do I configure the update rate via the UBX protocol?
    • ⤷ What are the power consumption figures in Power Save Mode?