AI

The **M8XT2-4V2Z1-R** is a specific technical configuration for a **tactile switch**, typically part of the **M8 series** manufactured by companies like **Diptronics** or similar electromechanical component suppliers. These switches are commonly used in consumer electronics for tactile feedback (the "click" sensation).
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Force** | Typically 160gf to 260gf (Model dependent) |
| **Operating Life** | ~100,000 to 500,000 cycles |
| **Contact Rating** | 50mA, 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min at 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
---
### 2. Breakdown of the Part Number Logic
While naming conventions vary slightly by manufacturer, the code generally breaks down as follows:
* **M8**: Refers to the series size (often a miniature or ultra-miniature footprint).
* **XT2**: Indicates the specific actuator height or stem type.
* **4V**: Typically refers to the physical dimensions (e.g., 4.5mm x 4.5mm or height specific).
* **2Z**: Represents the terminal style (Z-bend leads for SMT mounting).
* **R**: Indicates **Tape & Reel** packaging, used for automated pick-and-place assembly lines.
---
### 3. Physical & Material Composition
1. **Cover:** Usually Stainless Steel or Nickel Silver to protect the internal dome.
2. **Actuator:** A plastic stem (often made of high-temperature Nylon or LCP) that the user presses.
3. **Contact Dome:** A stainless steel alloy with silver plating. This provides the "snap" action and electrical bridge.
4. **Base:** High-temperature thermoplastic capable of withstanding lead-free reflow soldering.
5. **Terminals:** Brass with silver or gold plating for high conductivity and solderability.
---
### 4. Common Applications
Due to its small footprint and SMT design, this part is found in:
* **Portable Electronics:** Smartphones, tablets, and smartwatches.
* **Peripherals:** Computer mice, keyboards, and remote-control buttons.
* **Industrial:** Interface panels and reset buttons on PCB boards.
* **Automotive:** Dashboard controls and key fobs.
---
### 5. Implementation Example (Schematic Logic)
In a standard microcontroller circuit, this switch is used to pull a digital pin to Ground.
```cpp
// Typical Arduino-style logic for a Tactile Switch
const int buttonPin = 2;
void setup() {
pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor
}
void loop() {
int buttonState = digitalRead(buttonPin);
if (buttonState == LOW) {
// Switch is pressed, circuit is closed
}
}
```
- ⤷What is the exact footprint size of the M8 series?
- ⤷ Does this switch support wave soldering or only reflow?
- ⤷ What are the alternative actuation forces available for this model?