M8XT3-4V2Z1-R
AI

The part number **M8XT3-4V2Z1-R** typically refers to a high-density, multi-pin connector system, often associated with high-speed data transmission or modular industrial interfaces (similar to those produced by manufacturers like Hirose, Samtec, or specialized automotive suppliers).
---
### 1. Technical Specifications Overview
While specific data sheets can vary by manufacturer, this part number structure generally aligns with the following technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | High-speed, Multi-contact Interface |
| **Contact Plating** | Gold (Au) over Nickel |
| **Voltage Rating** | 30V - 125V AC/DC |
| **Current Rating** | 0.5A - 2.0A per pin |
| **Operating Temp** | -40°C to +105°C |
| **Termination Style** | Surface Mount (SMT) or Through-Hole |
---
### 2. Breakdown of Part Coding
The alphanumeric segments of the part number often represent specific physical characteristics:
* **M8XT3**: Refers to the series family (often indicating an 8mm pitch or M8-sized specialized shielding).
* **4V**: Indicates the vertical orientation (V) and the voltage class or row count (4).
* **2Z1**: Represents the specific keying or housing configuration to prevent incorrect mating.
* **R**: Typically denotes "Tape and Reel" packaging for automated pick-and-place assembly.
---
### 3. Key Electronic Features
* **Signal Integrity:** Designed with impedance control for high-frequency signals, minimizing crosstalk and return loss.
* **EMI Shielding:** Often features a metal outer shell or internal grounding plates to protect against Electromagnetic Interference.
* **Durability:** High mating cycle rating (typically 50 to 500 cycles) due to the gold-plated contact surfaces.
---
### 4. Implementation Example
Below is a conceptual representation of how this component might be initialized in a Bill of Materials (BOM) or CAD environment:
```yaml
Component:
Part_Number: "M8XT3-4V2Z1-R"
Category: "Connectors / Interconnects"
Function: "Board-to-Board / High-Speed Data"
Package: "Reel"
PCB_Footprint: "M8XT3_4V_SMD"
```
- ⤷Who is the primary manufacturer for this specific part series?
- ⤷ What is the specific data rate (Gbps) supported by this connector?
- ⤷ Are there right-angle alternatives to the 4V vertical model?