Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YC1-AA-R

  • AI
    The **M8YC1-AA-R** is a specific part number typically associated with the **M8 Series** of high-performance industrial circular connectors, often manufactured by companies like **TE Connectivity** or **Amphenol**. These are widely used in industrial automation for sensor and actuator connections. ### 1. Component Overview This component is an **M8 Circular Connector**, designed for space-constrained environments where reliable power or signal transmission is required under harsh conditions. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 (8mm Threaded) | | **Gender** | Male (Plug) or Female (Socket) - *Part number dependent* | | **Mounting Type** | Rear Mount / Panel Mount | | **Termination** | Solder or PCB Pins | | **IP Rating** | IP67 (Dust tight, waterproof up to 1m) | --- ### 2. Key Electronic Characteristics The electronic integrity of the M8YC1-AA-R is defined by its ability to maintain low resistance while preventing short circuits in vibrating environments. * **Rated Current:** Typically supports **1A to 4A** depending on the specific pin configuration. * **Rated Voltage:** Usually rated for **30V AC/DC to 60V AC/DC**. * **Insulation Resistance:** Usually $\ge 100 \, M\Omega$ to prevent leakage current. * **Contact Resistance:** Low ohmic contact (typically $< 10 \, m\Omega$) to ensure minimal signal loss. --- ### 3. Material Composition The "R" in the suffix often denotes **RoHS Compliance**, indicating the absence of hazardous substances like lead or cadmium. 1. **Housing:** Often Nickel-plated Brass or Zinc alloy for electromagnetic shielding and mechanical durability. 2. **Insulator:** Polyamide (PA) or PBT (Polybutylene terephthalate), which provides high dielectric strength. 3. **Contacts:** Copper alloy with **Gold (Au) plating** over Nickel to prevent oxidation and ensure high conductivity over many mating cycles. --- ### 4. Applications Due to its robust electronic sealing, it is commonly used in: * **Factory Automation:** Connecting proximity sensors, limit switches, and photoelectric cells. * **Robotics:** Small-scale robotic arms where space for wiring is limited. * **Medical Devices:** Equipment requiring secure, medical-grade power or data connections.
    ✨ Follow-up Questions
    • ⤷ What is the specific pin count for the M8YC1-AA-R variant?
    • ⤷ Does this part number support shielded or unshielded cables?
    • ⤷ What are the mounting torque specifications for the M8 threaded shell?