Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YS-54-R

  • AI
    The **M8YS-54-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component. These parts are designed for high-density power supply circuits where efficiency and compact size are critical. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (commonly associated with brands like **SAGAMI** or **Sumida**), the standard parameters for this series are: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor (Shielded) | | **Inductance** | 0.54 µH (Typical) | | **Current Rating** | High Current (Usually 15A - 30A range) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetically Shielded (Reduces EMI) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Physical Construction The "M8YS" designation refers to the physical package size and structural series: * **Shielding:** It features a magnetic shield (ferrite core) that minimizes electromagnetic interference (EMI) with surrounding components. * **Terminals:** High-conductivity metal pads for stable soldering to PCBs. * **Core Material:** Usually a composite or ferrite core designed for low core loss at high switching frequencies. --- ### 3. Common Applications Due to its high current handling and low profile, the M8YS-54-R is primarily used in: 1. **DC-DC Converters:** Used in Step-down (Buck) converters for CPU or GPU power rails. 2. **Server Motherboards:** Providing stable power to high-performance processors. 3. **Graphic Cards (GPUs):** Filtering power in VRM (Voltage Regulator Module) circuits. 4. **Telecom Equipment:** High-efficiency power modules for networking hardware. --- ### 4. Part Number Breakdown (General) | Segment | Meaning | | :--- | :--- | | **M8YS** | Series/Case Size designator | | **54** | Inductance value code (0.54 µH) | | **-R** | Lead-free / RoHS Compliant / Taping Reel | ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the M8YS-54-R inductor?
    • ⤷ How does the 'shielded' nature of this part improve circuit performance?
    • ⤷ What is the typical saturation current for this specific model?