Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YS1-65-R

  • AI
    ### M8YS1-65-R: Component Overview The **M8YS1-65-R** is a specific part number primarily associated with **Power Supply Units (PSUs)**, typically used in high-end workstations, servers, or specialized industrial computing equipment (often found in brands like HP or specialized rackmount hardware). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This unit is an **AC-DC Switching Power Supply**. It is designed to convert high-voltage AC power from a wall outlet into stable, low-voltage DC power required by internal computer components. | Feature | Specification | | :--- | :--- | | **Form Factor** | Proprietary/Custom (Internal) | | **Max Power Output** | ~650 Watts (Typical for this series) | | **Efficiency Rating** | Typically 80 Plus Gold or Platinum | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Input Frequency** | 50Hz - 60Hz | --- ### 2. Output Rail Distribution Modern electronic parts like the M8YS1-65-R distribute power across multiple "rails" to protect sensitive circuits. | Rail | Voltage | Function | | :--- | :--- | :--- | | **+12V** | 12.0V | Powers CPU, GPU, and Motors (HDD/Fans) | | **+5V** | 5.0V | Powers Logic circuits and USB peripherals | | **+3.3V** | 3.3V | Powers Chipsets and Memory (RAM) | | **+5Vsb** | 5.0V | Standby power for remote wake-up/charging | --- ### 3. Key Electronic Components The internal architecture of the M8YS1-65-R consists of several critical sub-systems: * **EMI Filter:** Uses X and Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** A set of diodes that converts AC (Alternating Current) to pulsating DC. * **Active PFC (Power Factor Correction):** Includes a large inductor and MOSFETs to ensure the power is used efficiently and reduces "reactive power" waste. * **PWM Controller:** A specialized Integrated Circuit (IC) that manages the switching frequency to maintain a constant output voltage regardless of the load. * **Protection Circuits:** * **OVP:** Over Voltage Protection. * **SCP:** Short Circuit Protection. * **OPP:** Over Power Protection. --- ### 4. Connectivity and Pinout The unit typically features a high-density connector rather than standard ATX cables, as it is often a **Plug-in Module**. ```text Connector Type: Gold-finger edge connector (Hot-swap style) Pin 1-10: +12V Power Delivery Pin 11-15: Ground (GND) Pin 16-18: Control signals (PS-ON, PWR-OK) Pin 19-20: I2C/PMBus Communication (for health monitoring) ``` ---
    ✨ Follow-up Questions
    • ⤷ What specific server or workstation models is the M8YS1-65-R compatible with?
    • ⤷ How do I test if the M8YS1-65-R is outputting the correct voltage using a multimeter?
    • ⤷ Does this power supply support PMBus communication for remote monitoring?