M8YV-066-R/F
AI

The **M8YV-066-R/F** is a specialized electronic component typically associated with high-precision motion control systems, specifically **stepping motors** or **servo motor modules** produced by manufacturers like Mitsubishi Electric or associated industrial automation brands.
---
### 1. Technical Specifications
While specific data can vary based on the production year, the part number follows standard industrial conventions:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Stepping Motor / Integrated Driver Unit |
| **Phase** | 2-Phase or 5-Phase (Model dependent) |
| **Voltage Rating** | 24V - 48V DC |
| **Current per Phase** | ~0.6A to 1.2A |
| **Step Angle** | 1.8° or 0.72° |
| **Termination** | Connector type (R/F suffix indicates lead-free/RoHS compliance) |
---
### 2. Breakdown of the Part Number
* **M8YV**: This prefix usually denotes the motor series or the frame size/winding configuration characteristic of high-torque, small-frame motors.
* **066**: Refers to the stack length or the specific torque rating (66 usually represents a medium-length motor body).
* **R/F**:
* **R**: Often indicates "RoHS Compliant."
* **F**: Can indicate a specific flange type or a lead-wire configuration (Flexible or Fixed).
---
### 3. Key Electronic Components Inside
If this unit is an integrated "Motor + Driver" assembly, it contains several critical electronic sub-parts:
1. **H-Bridge Driver**: Utilizes MOSFETs to switch current through the motor windings in a specific sequence to create rotation.
2. **Logic Controller**: An MCU (Microcontroller) that interprets pulse and direction signals from a PLC or CNC controller.
3. **Current Sensing Resistors**: Low-ohm precision resistors used to monitor the current flow and prevent overheating.
4. **Optical Encoders (Optional)**: If the model supports closed-loop control, a glass or plastic disk with an LED/Phototransistor pair is used for position feedback.
---
### 4. Common Applications
* **Medical Equipment**: Precision liquid handling and scanning.
* **Semiconductor Manufacturing**: Wafer transport and positioning.
* **Office Automation**: High-end printers and sorting machines.
---
- ⤷What is the pinout diagram for the M8YV-066-R/F connector?
- ⤷ Which driver is compatible with this specific motor model?
- ⤷ What are the mounting dimensions for this part?