M8YV-34W4W-R
AI

The **M8YV-34W4W-R** is a specific part number associated with high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)**, specifically within the **DDR4** family. These modules are primarily used in enterprise environments, such as servers and high-end workstations.
---
### 1. Technical Specifications
Below is a breakdown of the key electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | RDIMM (Registered DIMM) |
| **Capacity** | 16GB / 32GB (Variant dependent) |
| **Speed** | 3200 MT/s (PC4-25600) |
| **Voltage** | 1.2V (Low Voltage) |
| **Error Correction** | ECC (Error Correction Code) |
| **Rank** | 2Rx8 (Dual Rank) |
| **CAS Latency** | CL22 |
---
### 2. Core Electronic Components
The "part" is actually an assembly of several integrated circuits (ICs) on a printed circuit board (PCB).
#### A. DRAM Chips (The Storage)
The board contains multiple CMOS-based memory chips. Because this is a **2Rx8** configuration, it typically utilizes 16 individual memory chips (8 on each side) plus an additional chip for ECC parity.
#### B. The Register (RCD)
Since this is an **RDIMM**, it includes a **Registering Clock Driver (RCD)**.
- **Function:** It buffers the command and address signals from the memory controller.
- **Benefit:** This reduces the electrical load on the CPU's memory controller, allowing the system to remain stable even when all memory slots are filled.
#### C. SPD EEPROM with Thermal Sensor
A small 8-pin chip (Serial Presence Detect) stores the module's timing parameters and manufacturer data. In modern enterprise sticks like this, it often includes an integrated **TS (Thermal Sensor)** to report real-time temperatures to the BIOS/UEFI.
#### D. Decoupling Capacitors
The PCB is populated with surface-mount (SMD) multilayer ceramic capacitors (MLCCs). These filter electronic noise and ensure a stable 1.2V delivery to the high-speed DRAM chips during rapid switching.
---
### 3. Key Electronic Advantages
* **Energy Efficiency:** Operating at 1.2V represents a significant power reduction compared to older DDR3 (1.5V) or DDR3L (1.35V) standards.
* **Data Integrity:** The ECC (Error Correction Code) functionality allows the hardware to detect and fix single-bit errors on the fly, preventing system crashes caused by cosmic rays or electronic interference.
* **Signal Integrity:** The "Registered" nature of the hardware ensures that timing signals remain crisp over the longer physical traces of a server motherboard.
---
- ⤷
What is the difference between an RDIMM like this and a standard UDIMM?
- ⤷ Can this memory module be used in a standard consumer desktop motherboard?
- ⤷ How does the ECC function physically detect bit errors on this chip?