M8YV-64W4W-R/
AI

The part number **M8YV-64W4W-R** identifies a high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** module, specifically a **DDR4 SODIMM** (Small Outline Dual In-line Memory Module). These are typically used in laptops, small form factor PCs, and industrial embedded systems.
Below is a detailed breakdown of its technical specifications and characteristics.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | SODIMM (260-pin) |
| **Capacity** | 64GB (Commonly 2 x 32GB Kit or High-Density Single Module) |
| **Speed** | 3200 MT/s (PC4-25600) |
| **Voltage** | 1.2V (Standard DDR4 Voltage) |
| **ECC Support** | Non-ECC (Unbuffered) |
| **Rank** | Dual Rank (2Rx8) or Quad Rank depending on density |
---
### 2. Functional Components
The module consists of several critical electronic components integrated onto a multilayer PCB:
* **DRAM Integrated Circuits (ICs):** The black chips soldered to the PCB. These are the storage cells. In a 64GB configuration, these are usually high-density chips (16Gb or 32Gb dies).
* **Serial Presence Detect (SPD) EEPROM:** A small chip that stores the module's timing parameters, manufacturer data, and serial number. The BIOS/UEFI reads this to configure the memory controller automatically.
* **Decoupling Capacitors:** Small surface-mount (SMD) components placed near the DRAM ICs to filter electrical noise and stabilize the 1.2V power supply during high-speed switching.
* **Termination Resistors:** These manage signal integrity by preventing data reflections on the high-frequency command and address lines.
---
### 3. Pinout and Interface
The module uses a **260-pin interface**. Unlike desktop DIMMs, the "notch" (key) is positioned to prevent insertion into DDR3 slots or incompatible motherboard headers.
```text
Interface Type: DDR4 SODIMM
Pin Count: 260 Pins
Data Width: 64-bit
Architecture: Double Data Rate (Transfers on rising and falling edges)
```
### 4. Application Areas
* **Workstation Laptops:** Ideal for video editing, 3D rendering, and virtualization.
* **Edge Computing:** High-capacity memory for AI inference at the edge.
* **Mini-PCs:** Used in Intel NUCs or similar compact desktop replacements.
---
- ⤷
What is the difference between ECC and Non-ECC memory for this specific module?
- ⤷ Can this DDR4 SODIMM be used in a desktop motherboard with an adapter?
- ⤷ How does the 1.2V power consumption compare to older DDR3 modules?