Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YV-64W4W-R/F

  • AI
    Based on the part number provided, this appears to be a specialized **LCD Interface Cable** or a **Wire Harness assembly**, commonly used in industrial computing or display interfacing (often associated with brands like Advantech, IEI, or similar industrial PC manufacturers). --- ### 🟢 General Specifications While specific datasheets for custom cable assemblies are often proprietary to the hardware manufacturer, the part number structure suggests the following characteristics: | Component Feature | Description | | :--- | :--- | | **Product Type** | Internal Display Interface Cable | | **Primary Use** | Connecting a Single Board Computer (SBC) to an LCD Panel | | **Signal Type** | Usually **LVDS** (Low-Voltage Differential Signaling) | | **Configuration** | Likely a 30-pin or 40-pin connector layout | | **RoHS Status** | Compliant (indicated by the /F or /R suffix in many catalogs) | --- ### 🛠️ Key Electronic Components A cable assembly of this nature is comprised of several critical sub-parts: 1. **Connectors:** * **Side A (Board End):** Typically a Hirose (DF13/DF19) or JST connector designed to plug into the motherboard's LVDS header. * **Side B (Panel End):** Usually a fine-pitch connector (0.5mm or 1.0mm) that fits the timing controller (T-CON) of the LCD screen. 2. **Wiring (Conductors):** * Utilizes **Twisted Pair** wiring for data signals (TX+/-) to minimize electromagnetic interference (EMI). * Heavier gauge wire for VCC (Power) and GND (Ground) to handle current requirements without voltage drop. 3. **Shielding:** * Often features acetate tape or aluminum foil shielding to ensure signal integrity over high-speed differential pairs. --- ### ⚠️ Technical Usage Notes If you are integrating this part into a system, consider the following electronic constraints: * **Pin Mapping:** LVDS cables are **not** universal. Even if the connectors fit, the pinout of the motherboard must match the pinout of the LCD panel. Connecting this cable to an incompatible panel can result in a permanent electrical short of the T-CON board. * **Voltage Selection:** Ensure the motherboard jumper for LCD power (usually 3.3V or 5V) is set correctly before connecting this harness. * **Signal Integrity:** Avoid sharp bends in the cable, as this can disrupt the impedance of the twisted pairs, leading to "ghosting" or flickering on the display. ---
    ✨ Follow-up Questions
    • ⤷ Is this cable being used with a specific motherboard or LCD panel model?
    • ⤷ Do you need the specific pinout diagram for this cable assembly?
    • ⤷ Are you experiencing display issues like flickering or no signal with this part?