M8YV-G66-R/BL
AI

The **M8YV-G66-R/BL** refers to a high-performance, industrial-grade **LED Indicator/Pilot Light** typically manufactured by companies like **IDEC** or specialized industrial component suppliers. These parts are designed for control panels, machinery, and automation systems.
---
### 1. Component Specification Overview
The alphanumeric code provides specific details about the physical and electrical characteristics of the unit:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series/Size** | M8 | 8mm mounting hole diameter (compact size). |
| **Voltage** | YV / 24V | Typically indicates 24V DC/AC operating voltage. |
| **Illumination** | LED | High-efficiency Light Emitting Diode technology. |
| **Color (R/BL)** | Red / Blue | Indicates a dual-color or selectable configuration (Red and Blue). |
| **Mounting** | Panel Mount | Designed for flush or protruding panel installation. |
---
### 2. Key Electronic Characteristics
These components are engineered for durability in harsh industrial environments.
* **Input Voltage:** Most units in this series operate on **24V DC**, though some variations support universal AC/DC inputs.
* **Current Consumption:** Low power draw, typically between **10mA to 20mA**, making them compatible with PLC (Programmable Logic Controller) outputs.
* **Polarity Protection:** Built-in protection to prevent damage if the positive and negative leads are reversed during installation.
* **Termination:** Usually features **solder terminals** or **faston (quick-connect) terminals** for secure wiring.
---
### 3. Structural and Environmental Features
Industrial indicators like the M8YV-G66-R/BL are built to withstand physical stress:
* **IP Rating:** Generally rated **IP65 or IP67**, meaning they are dust-tight and protected against water jets or temporary immersion.
* **Operating Temperature:** Typically rated for **-25°C to +55°C**.
* **Lens Design:** The "G66" often refers to a specific lens shape (e.g., domed or flat) designed for 180-degree visibility.
---
### 4. Typical Applications
1. **Status Signaling:** Using Red for "Error/Stop" and Blue for "Special Process/Ready."
2. **Control Panels:** High-density mounting where space is limited (8mm footprint).
3. **Medical Equipment:** High-visibility indicators for diagnostic or laboratory machinery.
- ⤷
What is the exact pinout configuration for the dual-color wiring?
- ⤷ Are there resistor-free versions available for different voltage inputs?
- ⤷ Does this model support flashing or steady-state illumination?