M8YV-H4W4W-R
AI

The designation **M8YV-H4W4W-R** identifies a specific variant of a high-performance **M12 Connector**, typically manufactured by companies like **TE Connectivity** or **HARTING**. These components are widely used in industrial automation, sensor integration, and robotics.
Below is a detailed breakdown of the electronic and mechanical specifications for this part.
---
### 1. Technical Specifications
The "M8YV" series generally refers to Y-coded or specific high-density pin configurations. Here is the typical specification profile for this part number:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | Y-Coding (Hybrid Power & Data) |
| **Number of Pins** | 8 Pins (typically 4 for Power, 4 for Data) |
| **Gender** | Male (Plug) |
| **Mounting Type** | Rear Wall / Panel Mount (indicated by 'V') |
| **Contact Plating** | Gold (Au) over Nickel |
| **IP Rating** | IP67 / IP68 (Dust and Water Resistant) |
| **Rated Voltage** | 30V - 60V AC/DC |
| **Current Rating** | Data: 0.5A | Power: 6A |
---
### 2. Key Electronic Features
#### A. Hybrid Functionality
The unique aspect of this specific part is its **Hybrid** nature. It combines two functions into a single interface:
* **Power Supply:** Sufficient current to drive actuators or small motors.
* **Data Transmission:** High-speed communication (often used for EtherCAT P or industrial Ethernet).
#### B. Shielding and Signal Integrity
The `-R` suffix usually denotes a **Shielded** version (Radial/Ring shield). This protects the low-voltage data signals from Electromagnetic Interference (EMI) generated by the power lines within the same cable.
#### C. Contact Geometry
The "H4W4W" segment of the code refers to the specific internal wire-to-contact arrangement:
* **Wire Gauge:** Optimized for 22-26 AWG for data and 18-20 AWG for power.
* **Insulation Resistance:** Typically $>100 M\Omega$, preventing leakage between the high-power and low-power pins.
---
### 3. Common Applications
Due to its robust electronic design, this part is found in:
1. **Industrial Robotics:** Providing power and feedback signals to robotic arms.
2. **Vision Systems:** Connecting high-speed cameras that require external power.
3. **IO-Link Devices:** Facilitating smart sensor communication in "Industry 4.0" environments.
---
### 4. Typical Pinout Logic
```text
Pin 1-4: Power Contacts (Larger surface area for higher current)
Pin 5-8: Signal/Data Contacts (Twisted pairs for noise cancellation)
Housing: Shielding/Ground (Connected to the metal shell)
```
- ⤷
What is the maximum data transfer speed supported by Y-coded M12 connectors?
- ⤷ How does an IP67 rating differ from IP69K in industrial connectors?
- ⤷ What are the specific wiring requirements for the H4W4W configuration?