M8YV-Z44-R/BL
AI

The **M8YV-Z44-R/BL** refers to a high-performance **M8 Industrial Circular Connector** assembly, typically used in automation, sensor integration, and robotics. This specific part number follows a modular coding system used by manufacturers (often associated with brands like **Misumi** or similar industrial suppliers).
Below is a breakdown of its electronic and mechanical specifications:
### 1. Part Number Specification Breakdown
| Component Segment | Description | Detail |
| :--- | :--- | :--- |
| **M8** | Connector Type | Standardized M8 circular thread interface. |
| **YV** | Cable Entry/Style | Often denotes a Y-junction or a specific PVC/PUR jacket material. |
| **Z44** | Pin Configuration | 4-Pin Female/Male arrangement (Standard A-Coding). |
| **R/BL** | Color/Orientation | **R** usually denotes Right-Angle; **BL** typically indicates Black cable/housing. |
---
### 2. Technical Specifications
These connectors are designed to operate in harsh industrial environments.
* **Rated Voltage:** 30V AC / 30V DC (Standard for M8 4-pin).
* **Rated Current:** 3A to 4A per contact.
* **Insulation Resistance:** $\geq 100\, M\Omega$.
* **Contact Resistance:** $\leq 10\, m\Omega$.
* **IP Rating:** Typically **IP67** or **IP68** (Waterproof and Dust-tight when mated).
* **Operating Temperature:** $-25^\circ \text{C}$ to $+80^\circ \text{C}$.
---
### 3. Pinout Mapping (Standard 4-Pin)
In industrial automation (IEC 61076-2-104), the wiring for a 4-pin M8 connector usually follows this color code:
| Pin Number | Wire Color | Common Function |
| :--- | :--- | :--- |
| 1 | Brown | +VCC (Power) |
| 2 | White | Digital Output 2 / Analog Signal |
| 3 | Blue | GND (Common) |
| 4 | Black | Digital Output 1 (Switching) |
---
### 4. Typical Applications
* **Proximity Sensors:** Connection for inductive or capacitive sensors.
* **Small Actuators:** Powering micro-solenoids or small DC motors.
* **I/O Boxes:** Connecting field devices to a centralized PLC (Programmable Logic Controller) block.
* **Machine Vision:** Low-voltage power supply for compact industrial cameras.
---
### 5. Maintenance and Installation Tips
```bash
# Installation Checklist:
1. Ensure the O-ring is present to maintain IP67 rating.
2. Align the internal "key" before tightening to prevent bent pins.
3. Tighten to recommended torque (usually 0.4 Nm) to avoid thread stripping.
```
- ⤷
What is the difference between A-coding and B-coding for M8 connectors?
- ⤷ How does IP67 protection compare to IP69K for this specific part?
- ⤷ Can this connector be used for high-speed data transmission like Industrial Ethernet?