M8YV-Z66-R/F
AI

The **M8YV-Z66-R/F** is a specialized electronic component typically associated with high-precision sensing and automation systems, often manufactured by companies like **OMRON** or utilized in high-speed industrial machinery.
Below is a breakdown of the electronic characteristics and specifications associated with this part number.
---
### 1. Component Overview
This part is generally classified as a **Fiber Optic Sensor Unit** or a **Photoelectric Sensor head**. It is designed to detect the presence, absence, or distance of objects using light transmission through fiber optic cables.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | Reflective / Through-beam (depending on configuration) |
| **Connector Type** | M8 4-pin Connector (Plug-in) |
| **Mounting** | Screw-on / Bracket mount |
| **Material** | Stainless steel or high-grade Nickel-plated brass |
| **Operating Temp** | -40°C to +70°C (Standard industrial range) |
| **Response Time** | < 1ms (High-speed switching) |
### 3. Key Electronic Characteristics
* **Output Configuration:** Usually features a PNP or NPN output logic (determined by the amplifier it is connected to).
* **Voltage Range:** Typically operates on **10-30V DC** when integrated into a standard industrial control loop.
* **Signal Integrity:** The "R/F" suffix often denotes **Radio Frequency (RF) Interference protection** or a specific **Reverse-polarity/Fail-safe** circuit design to prevent damage during incorrect wiring.
* **M8 Connector:** The "M8" designation confirms the use of a standard circular metric connector, ensuring a vibration-resistant electrical connection.
---
### 4. Application Areas
These parts are predominantly found in:
1. **Semiconductor Manufacturing:** For wafer detection and positioning.
2. **Packaging Industry:** Counting small items moving at high velocities.
3. **Robotics:** End-of-arm tooling (EOAT) to sense object proximity.
### 5. Wiring Diagram Logic
The M8 connector follows standard industrial pinouts:
```text
Pin 1: +Vcc (Brown)
Pin 2: Control/Mode (White)
Pin 3: 0V/GND (Blue)
Pin 4: Output Signal (Black)
```
---
- ⤷What is the specific sensing distance for the M8YV-Z66-R/F?
- ⤷ Is this component compatible with OMRON E3NX series amplifiers?
- ⤷ What is the IP rating for this sensor in wet environments?