Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YV-Z99-R/BL

  • AI
    Based on the part number **M8YV-Z99-R/BL**, this component belongs to a specialized category of **industrial indicators** or **pilot lamps**, frequently used in automation control panels. --- ### 1. Component Overview The M8 series generally refers to indicators that fit into an **8mm diameter** mounting hole. These are compact signaling devices used to provide visual feedback to an operator regarding the status of a machine or circuit. ### 2. Technical Specifications The suffix codes (Z99-R/BL) typically denote specific electrical and optical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Mounting Diameter** | 8mm | Fits standard small-scale control panel cutouts. | | **Light Source** | LED | High-efficiency, long-life solid-state lighting. | | **Voltage Rating** | Typically 12V - 24V DC | Common in industrial PLC circuits. | | **Lens Color** | R (Red) / BL (Blue) | Dual-color or selectable color options. | | **Terminal Type** | Solder Tab / Leads | Standard connection points for wiring. | | **Body Material** | Chrome/Plastic | Usually features a threaded body with a fastening nut. | --- ### 3. Part Breakdown Analysis While nomenclature varies slightly by manufacturer (such as *Marushin* or *IDEC* style clones), the code typically breaks down as follows: * **M8:** The mounting size (8 millimeters). * **YV:** Often refers to the series type (Vertical or Cylindrical body). * **Z99:** A specific internal factory code for the internal resistor value or lens shape (Diffused vs. Clear). * **R/BL:** Red and Blue. This indicates either a **Bi-color LED** (three leads) or a specific kit containing both lens colors. --- ### 4. Circuit Implementation When integrating this part into an electronic design, consider the following: ```cpp // Typical logic for controlling a Bi-Color (R/BL) Indicator void updateIndicator(int status) { if (status == ERROR) { digitalWrite(RED_PIN, HIGH); // Activate Red Light digitalWrite(BLUE_PIN, LOW); } else if (status == STANDBY) { digitalWrite(RED_PIN, LOW); digitalWrite(BLUE_PIN, HIGH); // Activate Blue Light } } ``` --- ### 5. Common Applications * **Status Monitoring:** Indicating "Power On" (Blue) vs. "Fault" (Red). * **Consumer Electronics:** Power buttons on high-end appliances. * **Medical Equipment:** Compact visual alerts for device readiness.
    ✨ Follow-up Questions
    • ⤷What is the maximum current draw for the M8YV series LEDs?
    • ⤷ Does this specific part number require an external current-limiting resistor?
    • ⤷ Are there IP67 rated versions of the M8 indicator series?