Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YV1-04W4W-R

  • AI
    The part number **M8YV1-04W4W-R** typically refers to a specialized high-performance cooling component, most commonly an **axial fan** used in server infrastructure, telecommunications, or industrial computing. These fans are engineered for high static pressure and reliability. --- ### Technical Specifications Based on standard industry naming conventions for high-end cooling modules (often associated with brands like Delta or Sanyo Denki used in Dell/HP/Supermicro hardware), here are the typical electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V DC | Standard operating voltage for PC/Server environments. | | **Current Rating** | 1.5A - 3.5A | High amperage for high-speed operation. | | **Connector Type** | 4-Pin PWM | Includes Ground, VCC, Tachometer (Speed Sensor), and PWM Control. | | **Bearing Type** | Dual Ball Bearing | Ensures longevity and allows for 24/7 operation. | | **Speed Control** | PWM (Pulse Width Modulation) | Allows the system to dynamically adjust RPM based on temperature. | --- ### Key Electronic Components #### 1. The Brushless DC (BLDC) Motor The core of the unit is a three-phase or single-phase BLDC motor. Unlike brushed motors, these use electronic commutation, which reduces friction and electrical noise. #### 2. PWM Control Circuitry The **4th wire (Blue/Yellow)** carries a high-frequency square wave signal. - **Duty Cycle:** The internal IC interprets the percentage of "on" time to set the fan speed. - **Fail-safe:** Most of these fans are designed to run at 100% speed if the PWM signal is lost. #### 3. Tachometer (FG Signal) The **3rd wire (Green/White)** provides a Frequency Generator (FG) signal. The internal Hall Effect sensor outputs pulses (usually 2 pulses per revolution), allowing the motherboard/controller to monitor the actual RPM and detect if the fan has stalled. #### 4. Protection Features High-end fans like the M8YV1 series include integrated protection logic: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the DC input is wired backward. * **Soft Start:** Gradually ramps up the current to prevent power spikes on the system bus. --- ### Typical Wiring Pinout (Standard 4-Wire) ```yaml Pin 1: Black (GND) -> Negative Power Supply Pin 2: Red (VCC) -> +12V Positive Supply Pin 3: Yellow (Tach) -> RPM Signal Output Pin 4: Blue (PWM) -> Speed Control Input ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for this specific model?
    • ⤷ How do I troubleshoot a fan that is not responding to PWM signals?
    • ⤷ What are the common server models that utilize the M8YV1 series?