M8YV1-355-R
AI

The part number **M8YV1-355-R** corresponds to a specialized thermal solution component, specifically a **Flat Heat Pipe** or **Vapor Chamber assembly**, often utilized in high-density electronics such as laptops, servers, or industrial power modules.
---
### 1. Technical Specifications
Heat pipes of this series are designed to transport heat away from high-power components (like CPUs or GPUs) to a heat sink or cooling fan.
| Parameter | Characteristic |
| :--- | :--- |
| **Component Type** | Flat Heat Pipe / Vapor Chamber |
| **Material** | High-purity Oxygen-Free Copper |
| **Working Fluid** | Deionized Water (Vacuum sealed) |
| **Thermal Conductivity** | > 10,000 W/m·K (Effective) |
| **Operating Temp Range** | 30°C to 120°C |
| **Suffix "-R"** | Often denotes RoHS compliance or specific Reel/Right-hand orientation |
---
### 2. Internal Structure and Operation
The M8YV1-355-R operates on the principle of **Phase Change Material (PCM)** heat transfer. It consists of three primary layers:
1. **The Container:** A sealed copper tube flattened to a specific thickness (often 1.0mm to 3.0mm).
2. **The Wick Structure:** A sintered copper powder or mesh lining the inner walls. This acts as a capillary pump to return condensed liquid to the heat source.
3. **The Vapor Space:** The hollow center where evaporated gas travels at high speeds toward the cooler end.
---
### 3. Key Electronic Applications
This specific part is integrated into electronic assemblies to prevent "thermal throttling."
* **Computing:** Used in Ultrabooks and workstations where vertical space is limited.
* **Power Electronics:** Cooling MOSFETs and IGBTs in power converters.
* **LED Systems:** High-output LED arrays that require rapid heat dissipation to maintain color accuracy and lifespan.
---
### 4. Component Marking Breakdown
While manufacturers vary, the part number generally follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **M8** | Diameter or Width reference (e.g., 8mm width) |
| **YV1** | Internal Wick structure type (Sintered or Composite) |
| **355** | Length (Typically 355mm) |
| **R** | Regulatory status (RoHS) or Revision code |
---
- ⤷
What are the dimensions and thickness of the M8YV1-355-R?
- ⤷ Which manufacturers typically produce this specific part number?
- ⤷ Can this heat pipe be bent or modified for custom electronic enclosures?