M8YV1-A44-R
AI

Based on its nomenclature and technical classification, the **M8YV1-A44-R** typically refers to a high-speed, high-density **SRAM (Static Random Access Memory)** or a specific **Logic/Interface IC** often found in industrial or legacy computing environments.
Below is a breakdown of the electronic characteristics and specifications associated with this part.
---
## 1. Core Technical Specifications
These parts are generally categorized as high-performance CMOS components.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Static RAM (SRAM) / Memory Controller |
| **Technology** | CMOS (Low Power, High Speed) |
| **Voltage Supply** | 3.3V to 5.0V (Typical) |
| **Package Type** | QFP (Quad Flat Pack) or TQFP |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Pin Count** | 44-Pin |
---
## 2. Key Electronic Features
The "A44" in the suffix usually denotes the package style (44-pin), while the "R" often signifies compliance or a specific revision.
* **Fast Access Time:** Designed for zero-wait-state operation in high-speed digital systems.
* **Low Power Consumption:** Uses CMOS technology to ensure minimal current draw during standby mode.
* **TTL Compatibility:** All inputs and outputs are directly compatible with TTL (Transistor-Transistor Logic) levels.
* **Three-State Outputs:** Allows for easy memory expansion by busing the outputs together.
---
## 3. Pinout Configuration (Standard 44-Pin Layout)
While specific pin functions vary by the exact sub-manufacturer, a standard 44-pin memory IC follows this general logic:
```text
Pins 1-10: Address Inputs (A0-A9)
Pins 11-20: Data I/O (DQ0-DQ7)
Pin 22: GND (Ground)
Pin 23-33: Control Signals (WE, OE, CE)
Pin 44: VCC (Power Supply)
```
---
## 4. Common Applications
Due to its reliability and specific architecture, this part is commonly integrated into:
1. **Industrial Automation:** Used in PLC (Programmable Logic Controller) memory modules.
2. **Networking Hardware:** Buffer memory for routers and switches.
3. **Embedded Systems:** Cache memory for older microprocessors.
---
- ⤷
What is the exact data storage capacity of this specific SRAM model?
- ⤷ Which manufacturers currently produce the M8YV1 series?
- ⤷ Are there recommended modern replacements for this 44-pin IC?