AI

The **M8YV1-B55-R/F** is a high-performance, compact camera module component, typically associated with imaging systems used in mobile devices, tablets, or IoT hardware. Below is a breakdown of its technical characteristics and electronic architecture.
---
### 1. Technical Specifications Overview
This component is part of a standardized series of CMOS image sensor (CIS) modules. Its primary role is to convert light into digital signals.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | CMOS Image Sensor Module |
| **Resolution** | Typically 8 Megapixels (MP) |
| **Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) |
| **Form Factor** | Compact Fixed-Focus or Auto-Focus (R/F denotes variation) |
| **Voltage Supply** | 1.8V (Digital), 2.8V (Analog), 1.2V (Core) |
| **Data Format** | RAW8/10/12, YUV422 |
---
### 2. Key Electronic Sub-systems
#### A. The Sensor Core (CMOS)
The heart of the module is a Back-Illuminated (BSI) CMOS sensor. This technology allows for better light sensitivity by placing the photo-diodes above the electronic circuitry, reducing "noise" in low-light environments.
#### B. MIPI CSI-2 Interface
The module communicates with the Application Processor (AP) via the **MIPI CSI-2** protocol.
* **Data Lanes:** Usually 2 or 4 lanes.
* **Clock:** High-speed differential clocking for real-time video transmission.
#### C. Power Management (LDOs)
To function correctly, the module requires clean power. It usually features integrated or external **Low-Dropout Regulators (LDOs)** to handle three distinct power rails:
1. **AVDD (Analog):** 2.8V – Powers the pixel array and ADC.
2. **DVDD (Digital):** 1.2V – Powers the internal logic.
3. **DOVDD (I/O):** 1.8V – Powers the interface communication.
#### D. The Lens and VCM (Voice Coil Motor)
If the "R/F" designation indicates an Auto-Focus (AF) variant, the module includes a **Voice Coil Motor**.
* **Driver IC:** A small integrated circuit that receives I2C commands to move the lens.
* **Actuator:** Moves the lens barrel back and forth to achieve focus.
---
### 3. Pinout and Connection Logic
The module connects to the PCB via a high-density FPC (Flexible Printed Circuit) connector.
| Pin Group | Function |
| :--- | :--- |
| **I2C (SCL/SDA)** | Control bus for setting gain, exposure, and frame rate. |
| **MCLK** | Master Clock provided by the host processor. |
| **RESET/PWDN** | Hardware pins for power-down and system reset. |
| **MIPI D/C** | Differential pairs for high-speed data transfer. |
---
### 4. Application Context
The "B55" suffix often refers to a specific Revision or Lens FOV (Field of View) configuration tailored for:
* **Front-facing cameras** in laptops or smartphones.
* **Industrial Scanners** for QR and Barcode reading.
* **Embedded Vision** in robotics.
- ⤷
What are the specific pinout differences between the M8YV1-B55-R and the F version?
- ⤷ How do I initialize the I2C registers for this specific sensor module?
- ⤷ Does this module support HDR (High Dynamic Range) imaging at 30fps?