AI

The **M8YV1-C44-R** is a specific part number typically associated with professional-grade imaging sensors, often manufactured by companies like **Sony** (using the Pregius global shutter technology) or integrated into industrial camera modules.
Below is a breakdown of the electronic specifications and characteristics generally associated with this component class.
---
### 1. Key Technical Specifications
The M8YV1-C44-R is primarily identified as a **CMOS Image Sensor**.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | CMOS Global Shutter |
| **Resolution** | Approx. 3.2 to 5.1 Megapixels |
| **Interface** | Sub-LVDS / MIPI (depending on carrier board) |
| **Optical Format** | 1/1.8" or 2/3" (Industrial Standard) |
| **Shutter Type** | Global Shutter (No rolling distortion) |
| **Package Type** | Ceramic LGA / BGA |
---
### 2. Functional Components
Electronic parts within this module serve three primary functions:
#### A. The Imaging Array (Sensor Core)
The core consists of a pixel array that utilizes **Global Shutter** technology. Unlike standard consumer cameras that read line-by-line, this part captures the entire frame at once, making it essential for high-speed industrial automation and "stop-motion" inspection.
#### B. Readout Circuitry
* **Analog-to-Digital Converters (ADC):** Converts the light signals into digital data (usually 10-bit or 12-bit depth).
* **Correlated Double Sampling (CDS):** An electronic process used to reduce noise by measuring the pixel's voltage twice (once reset, once with signal).
#### C. Connectivity and Power
* **Power Rails:** Usually requires multiple voltages (e.g., 1.2V for digital core, 1.8V for I/O, and 3.3V for analog circuitry).
* **I/O Pins:** Managed via a high-density grid for high-speed data transmission to a DSP (Digital Signal Processor) or FPGA.
---
### 3. Application Areas
Because of the "R" suffix (often indicating RoHS compliance or a specific Revision), these parts are found in:
1. **Industrial Vision:** Quality control on fast-moving conveyor belts.
2. **ITS (Intelligent Traffic Systems):** License plate recognition (LPR) where high speeds are involved.
3. **Medical Imaging:** High-resolution microscopy or surgical documentation.
---
### 4. Implementation Example (Simplified Interface)
When integrating this part into a circuit, the pinout typically follows this logic:
```c
// Pseudocode logic for initializing the sensor interface
void init_M8YV_Sensor() {
set_voltage(VDD_ANALOG, 3.3V);
set_voltage(VDD_DIGITAL, 1.2V);
reset_pin(HIGH);
write_i2c(REG_EXPOSURE, 0x01F4); // Set initial exposure
start_lvds_clock(); // Begin data transmission
}
```
- ⤷
What is the exact resolution and frame rate of the M8YV1-C44-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Is there a datasheet available for the pinout configuration?