M8YV1-D66-R/F
AI

Based on the part number **M8YV1-D66-R/F**, this component belongs to a specific category of high-speed interconnects, likely a **Mini-SAS HD (High-Density)** or a similar high-speed board-to-board/cable-to-board connector assembly. These are commonly used in enterprise storage and networking environments.
---
### 1. Technical Specifications Overview
The "D66" typically refers to the circuit count or physical configuration, while "R/F" indicates the orientation or mounting style (Right-Angle / Female).
| Feature | Description |
| :--- | :--- |
| **Component Type** | High-Density IO Connector / Mini-SAS HD |
| **Data Rate Support** | Typically 6Gbps to 12Gbps per lane |
| **Interface** | SAS 2.1 / SAS 3.0 / PCIe Gen 3 |
| **Mounting Type** | Through-hole or Press-fit (depending on "R/F" suffix) |
| **Orientation** | Right-Angle (Horizontal) |
| **Shielding** | Integrated EMI/RFI Shielding |
---
### 2. Electronic Breakdown
The part is designed to maintain signal integrity in high-frequency environments. Here are the primary electronic characteristics:
#### A. Signal Integrity (SI)
* **Differential Pairs:** The internal pin layout is optimized for differential signaling to minimize crosstalk and electromagnetic interference.
* **Impedance Matching:** Usually rated for **100 Ohms** (standard for PCIe/SAS) to prevent signal reflection at high speeds.
#### B. Contact Construction
* **Plating:** Typically features **Gold (Au)** plating on the contact area (often 15μ" or 30μ") to ensure low contact resistance and prevent oxidation.
* **Current Rating:** Usually rated for **0.5A per pin**, as these are primarily signal-carrying pins rather than power delivery pins.
#### C. EMI Shielding
* The "Metal Cage" or outer housing acts as a Faraday cage. The **R/F** designation often relates to the grounding tabs that connect the shield to the PCB ground plane, reducing radiated emissions.
---
### 3. Common Applications
These parts are typically found in high-performance hardware:
1. **Storage Servers:** Connecting RAID controllers to backplanes.
2. **Network Switches:** High-speed internal data routing.
3. **HBA Cards:** Host Bus Adapters used in data centers.
---
### 4. Part Number Decoder (Generic)
While manufacturers have unique codes, the string follows this logic:
* **M8YV1:** Series/Product Family identifier.
* **D66:** Pin count or specific mechanical iteration (e.g., 2x2 or 1x2 port configuration).
* **R/F:** **R**ight-angle orientation / **F**emale socket or **F**riction lock.
- ⤷
What is the exact manufacturer for this part number (e.g.
- ⤷ Molex
- ⤷ Amphenol)?
- ⤷ Is this part compatible with SAS 4.0 (24Gbps) standards?
- ⤷ What are the recommended PCB footprint dimensions for the D66 variant?