Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M8YV1-F6A-R/F

  • AI
    The **M8YV1-F6A-R/F** is a specific part number typically associated with **M8 Circular Connectors**, commonly used in industrial automation, sensor applications, and robotics. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ## 1. Component Overview This part belongs to the **M8 Series**, known for its compact size and reliability in harsh environments. The suffix "F6A" generally refers to the pin configuration and housing style. ### Key Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | M8 Circular Connector | | **Gender** | Female (Socket) | | **Number of Pins** | 6 Pins | | **Coding** | A-Coding (Standard for sensors and DC power) | | **Mounting Style** | Right-Angle (R) / Front Mount (F) | | **Termination** | Solder or PCB Mount (depending on specific sub-variant) | --- ## 2. Electronic Characteristics The electrical performance is designed to handle low-voltage signals and power distribution for industrial sensors. * **Rated Voltage:** Typically **30V AC/DC** (Standard for 6-pin M8). * **Rated Current:** Approximately **1.5A to 2.0A** per contact. * **Contact Resistance:** $\le 5 m\Omega$ to ensure minimal signal loss. * **Insulation Resistance:** $\ge 100 M\Omega$ to prevent leakage between pins. --- ## 3. Mechanical & Environmental Features The "R/F" designation often signifies a **Right-Angle** orientation with a **Front-mounting** nut, ideal for tight cabinet spaces. ### Physical Build * **Housing Material:** Nickel-plated brass or Stainless steel. * **Contact Material:** Gold-plated copper alloy (for high conductivity and corrosion resistance). * **IP Rating:** Usually **IP67 or IP68** (Dust-tight and protected against water immersion). * **Operating Temperature:** $-25^\circ C$ to $+85^\circ C$. --- ## 4. Pin Configuration (A-Coding) The 6-pin A-coded layout is used primarily for: 1. Industrial IO-Link devices. 2. Complex proximity sensors. 3. Small actuators requiring multiple control signals. --- ## 5. Typical Applications * **Sensors/Actuators:** Connecting limit switches, photoelectric sensors, and encoders. * **Factory Automation:** Used in PLC (Programmable Logic Controller) input/output modules. * **Robotics:** End-of-arm tooling where space for cabling is restricted. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coding and B-coding in M8 connectors?
    • ⤷ Can you provide the specific PCB footprint dimensions for the M8YV1 series?
    • ⤷ Which cable wire gauge (AWG) is recommended for this 6-pin connector?