Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M9366-RDS6T

  • AI
    The **M9366-RDS6T** (commonly identified within the **M93C66** series) is a 4-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-power applications requiring non-volatile storage. --- ## 1. Technical Specifications Below is a summary of the core electronic parameters for the M9366-RDS6T: | Parameter | Value / Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | 256 x 16-bit or 512 x 8-bit (Selectable) | | **Interface** | Microwire (3-Wire Serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V) | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Endurance** | 1 Million Write Cycles | | **Data Retention** | 40 Years | --- ## 2. Pin Configuration (TSSOP8) The device typically follows the standard Microwire pinout for 8-pin packages: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (x8 or x16) | | 7 | **DU** | Don't Use / No Connect | | 8 | **Vcc** | Supply Voltage | --- ## 3. Key Electronic Features ### Microwire Interface Unlike I2C or SPI, Microwire uses a specific 3-wire synchronous protocol (plus a Chip Select). It is highly efficient for simple microcontrollers that lack dedicated hardware peripherals for more complex buses. ### Sequential Read The M9366 supports sequential reading, allowing the master to read the entire memory contents by continuing to provide clock pulses after the initial address is sent. ### Write Protection The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. This provides software-based protection against accidental data corruption during power-up or power-down cycles. ### Organization Select (ORG Pin) The memory architecture is flexible: * **ORG connected to Vcc:** Memory is organized as 256 words of 16 bits. * **ORG connected to Vss:** Memory is organized as 512 bytes of 8 bits. --- ## 4. Typical Applications * **Consumer Electronics:** Storing user preferences in TVs or set-top boxes. * **Automotive:** Storing calibration data or odometer information (AEC-Q100 versions available). * **Industrial:** Configuration settings for sensors and actuators. * **Computing:** Basic Input/Output System (BIOS) parameters and ID storage.
    ✨ Follow-up Questions
    • ⤷ How does the Microwire protocol differ from the SPI protocol?
    • ⤷ What are the specific timing requirements for the 'S' (Chip Select) pin?
    • ⤷ Can you explain the power-on reset (POR) threshold for this device?