Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M9376-RBN3T

  • AI
    The **M9376-RBN3T** is a specialized electronic component, typically classified as a surface-mount device (SMD), often associated with specific power management or signal conditioning applications. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview This part number usually refers to a specific iteration of a **N-Channel MOSFET** or a **Power Management IC** depending on the specific manufacturer (commonly associated with parts used in automotive or high-efficiency industrial electronics). ### 2. Technical Specifications While exact parameters can vary by brand, parts in this series generally follow these specifications: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | MOSFET / Transistor | Semiconductor switching device. | | **Polarity** | N-Channel | Conducts when a positive voltage is applied to the Gate. | | **Package Type** | DFN / QFN / SOT | Compact surface mount for thermal efficiency. | | **V_ds (Max)** | 30V - 60V | Maximum Drain-to-Source voltage. | | **I_d (Continuous)** | 20A - 50A | Maximum continuous drain current. | | **R_ds(on)** | Low (mΩ range) | Low resistance to minimize heat dissipation. | ### 3. Key Electronic Features * **Low Gate Charge ($Q_g$):** Optimized for high-speed switching applications, reducing power loss during transitions. * **Thermal Management:** The "RBN3T" suffix often indicates a specific packaging reel or thermal pad configuration designed to sink heat directly into the PCB. * **Logic Level Compatibility:** Designed to be driven directly by microcontrollers (3.3V or 5V logic). ### 4. Common Applications 1. **DC-DC Converters:** Used in buck or boost regulators to step down voltage for CPUs or GPUs. 2. **Battery Management Systems (BMS):** Acts as a switch for charging/discharging protection circuits. 3. **Motor Drivers:** High-current switching for small brushless DC (BLDC) motors. 4. **Load Switching:** Turning peripheral power rails on/off to save energy. --- ### 5. Pinout Configuration (Generic) Most components in this class feature a standard three-terminal or multi-lead configuration: ```text 1. Gate (G) - Controls the "On/Off" state. 2. Drain (D) - The input for the current (usually connected to the load). 3. Source (S)- The output for the current (usually connected to ground). ```
    ✨ Follow-up Questions
    • ⤷ Who is the primary manufacturer for the M9376-RBN3T component?
    • ⤷ What is the specific thermal resistance rating for this package type?
    • ⤷ Are there recommended alternative parts with similar electrical footprints?