M93C46-RDS3
AI

## M93C46-RDS3 Technical Overview
The **M93C46-RDS3** is a 1-Kbit low-voltage serial EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used in applications requiring non-volatile storage for configuration data, calibration parameters, or device IDs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | 64 x 16 bits or 128 x 8 bits (Selectable via ORG pin) |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | TSSOP8 (indicated by the "RDS" suffix) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration (TSSOP8)
The device typically follows a standard 8-pin layout for MICROWIRE EEPROMs:
1. **S (Chip Select):** Enables the device when high.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data during read operations.
5. **Vss:** Ground.
6. **ORG (Organization Select):** Sets the word width (High = 16-bit, Low/NC = 8-bit).
7. **DU (Don't Use):** Usually left unconnected or grounded.
8. **Vcc:** Supply voltage.
---
### 3. Part Number Breakdown
Understanding the suffix **RDS3** is crucial for identifying the specific variant:
* **M93C46:** The base family (1-Kbit MICROWIRE EEPROM).
* **-R:** Indicates the operating voltage range is **1.8V to 5.5V**.
* **DS:** Refers to the **TSSOP8** package (8-lead Thin Shrink Small Outline Package, 3mm width).
* **3:** Indicates **Automotive Grade 3** temperature range (-40°C to +125°C).
---
### 4. Functional Features
* **Self-Timed Programming:** The device handles the internal write cycle timing automatically once a write command is received.
* **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be polled to check if the device is busy or ready for the next instruction.
* **Sequential Read:** It supports reading the entire memory contents in a single continuous stream.
* **Write Protection:** Includes instructions to enable or disable write operations (WEN/WDS) to prevent accidental data corruption.
---
### 5. Application Circuit Example
To interface this with a microcontroller, use the following logic:
```c
// Pseudo-code for a Read Operation
1. Set CS (Chip Select) HIGH.
2. Send READ Opcode (110) via DI.
3. Send Address (7 or 6 bits depending on ORG).
4. Read bits from DO on the falling edge of the clock.
5. Set CS LOW to end the cycle.
```
- ⤷
What is the difference between the M93C46 and the M93C66 in terms of capacity?
- ⤷ How does the ORG pin affect the addressing of the M93C46?
- ⤷ Can this EEPROM be used in 5V legacy systems?