M93C66-RMB3G
AI

## Electronic Specifications of the M93C66-RMB3G
The **M93C66-RMB3G** is a low-voltage, serial EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for parameter storage in applications where low power consumption and small form factors are critical.
---
### 1. General Characteristics
The device is organized at the hardware level as 4 Kbits (4096 bits). A key feature of this specific family is the selectable memory organization.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit |
| **Organization** | 512 x 8 bits (Byte mode) or 256 x 16 bits (Word mode) |
| **Interface** | Microwire (3-wire) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Voltage** | 1.8V to 5.5V |
---
### 2. Detailed Technical Specifications
The "RMB3G" suffix provides specific details regarding its operating range and packaging:
* **Operating Temperature:** -40°C to +125°C (Automotive Grade 3).
* **Clock Frequency:**
* 2 MHz at 4.5V < Vcc < 5.5V
* 1 MHz at 1.8V < Vcc < 4.5V
* **Write Cycles:** More than 4 million write cycles.
* **Data Retention:** More than 200 years.
* **Write Protection:** Software-controlled write protection for the entire memory.
---
### 3. Pinout Description (UFDFPN8)
The device uses a standard serial interface pinout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High = x16, Low = x8) |
| 7 | **DU** | Don't Use / No Connect |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Part Number Breakdown
Understanding the suffix **-RMB3G**:
* **M93C66**: Base part number (4 Kbit Microwire EEPROM).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **MB**: Package code for UFDFPN8 (2x3 mm).
* **3**: Temperature range (-40 to +125 °C).
* **G**: Green/EcoPack2 (RoHS compliant).
---
### 5. Application Areas
Due to its high reliability and small size, it is commonly found in:
1. **Automotive Modules:** Storing calibration data and sensor offsets.
2. **Consumer Electronics:** Storing user preferences and configuration settings.
3. **Industrial Controllers:** Error logging and parameter backup.
- ⤷
What is the difference between the 'ORG' pin states in terms of memory addressing?
- ⤷ How does the Microwire protocol differ from standard SPI for this device?
- ⤷ What are the power consumption specifications in Standby vs. Active mode?