Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M93C66-RMB6G

  • AI
    The **M93C66-RMB6G** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. --- ## 1. Technical Specifications The device is designed for low-power applications and uses a specialized serial interface common in automotive and industrial control systems. | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Features and Internal Parts The internal architecture of the M93C66-RMB6G consists of several critical electronic blocks: ### A. Memory Array The core consists of **non-volatile memory cells**. These cells use floating-gate technology to retain data even when the power supply is disconnected. ### B. Logic Control & Registers * **Instruction Decoder:** Interprets serial commands (READ, WRITE, ERASE, WEN). * **Address Register:** Decodes the input address to select specific memory locations. * **Data Input/Output Buffer:** Temporarily holds data being clocked in or out of the device. ### C. Write Protection Logic The chip includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. This prevents accidental data corruption during power-up or power-down cycles. ### D. Status Register The chip includes a "Ready/Busy" status bit (typically signaled via the DO pin) that indicates whether an internal write cycle is still in progress. --- ## 3. Part Number Breakdown (M93C66-RMB6G) Understanding the suffix is crucial for sourcing the correct component: * **M93C66:** Base part number (4-Kbit Microwire EEPROM). * **-R:** Indicates the operating voltage range (1.8V to 5.5V). * **MB:** Refers to the **UFDFPN8** (2x3 mm) package type. * **6:** Industrial temperature range (-40 to +85°C). * **G:** ECOPACK®2 (RoHS compliant / Halogen-free). --- ## 4. Typical Connection Diagram ```mermaid graph LR MCU[Microcontroller] -- CS (Chip Select) --> EEPROM MCU -- SK (Serial Clock) --> EEPROM MCU -- DI (Data In) --> EEPROM EEPROM -- DO (Data Out) --> MCU VCC((1.8V - 5.5V)) --- EEPROM GND((Ground)) --- EEPROM ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between MICROWIRE and standard SPI protocols?
    • ⤷ How do I configure the memory organization between 8-bit and 16-bit modes?
    • ⤷ What are the common use cases for this specific UFDFPN8 package in consumer electronics?