Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M93C66-RMB6TP/S

  • AI
    ### Overview of M93C66-RMB6TP/S The **M93C66-RMB6TP/S** is a specific variant of the M93C66 family, which consists of high-reliability **Serial Microwire Bus EEPROMs** (Electrically Erasable Programmable Read-Only Memory). These devices are commonly used for non-volatile data storage in industrial and consumer electronics. --- ### 1. Key Technical Specifications The part number encodes specific characteristics regarding density, voltage, and packaging. | Feature | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit | | **Interface** | MICROWIRE (Serial Peripheral Interface - 3 Wire) | | **Operating Voltage** | 1.8V to 5.5V (Wide Range) | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | UFDFPN8 (also known as DFN8) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Breakdown of the Part Number To understand the specific hardware properties, we look at the suffix codes: * **M93C66**: Base part number (4 Kbit Microwire EEPROM). * **-R**: Operating voltage range of 1.8V to 5.5V. * **MB**: UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) package. * **6**: Industrial temperature range (-40°C to 85°C). * **T**: Tape & Reel packaging for automated assembly. * **P / S**: Manufacturing process / RoHS compliance indicators. --- ### 3. Pin Configuration and Functions The M93C66-RMB6TP/S typically uses an 8-pin layout: | Pin | Name | Description | | :--- | :--- | :--- | | **1** | **S** | Chip Select (Active High) | | **2** | **C** | Serial Clock | | **3** | **D** | Serial Data Input | | **4** | **Q** | Serial Data Output | | **5** | **Vss** | Ground | | **6** | **ORG** | Organization Select (High: x16, Low: x8) | | **7** | **DU** | Don't Use (Internal connection) | | **8** | **Vcc** | Supply Voltage | --- ### 4. Important Electronic Features * **Self-Timed Write Cycle**: The chip manages the internal erase/write timing, typically completing a cycle in 5ms. * **Sequential Read**: The device allows reading the entire memory contents in one continuous stream after the initial address is set. * **Write Protection**: The device includes software write protection to prevent accidental data corruption during power-up or power-down sequences. * **Ready/Busy Signal**: The Data Output (Q) pin can act as a status indicator to notify the microcontroller when a write cycle is finished. ---
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the x8 and x16 organization modes in this EEPROM?
    • ⤷ Can this device be interfaced directly with a standard SPI controller?
    • ⤷ What are the power consumption characteristics in Standby vs. Active mode?