Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M93C66-RMB7

  • AI
    ## Technical Overview of M93C66-RMB7 The **M93C66-RMB7** is a 4-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-power and low-voltage applications, commonly used for parameter storage in consumer and industrial electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 4 Kbits (4096 bits) | | **Organization** | 256 x 16-bit or 512 x 8-bit (selectable) | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +105°C (Grade 7) | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Internal Organization (High=x16, Low/NC=x8) | | 7 | **DU** | Don't Use (Leave unconnected or GND) | | 8 | **Vcc** | Supply Voltage | --- ### 3. Core Functional Features * **Microwire Interface:** This uses a synchronous serial communication protocol consisting of a clock (C), data input (D), and data output (Q). It is similar to SPI but uses different instruction opcodes. * **ORG Pin Functionality:** This is a hardware-selectable feature. Connecting the ORG pin to $V_{CC}$ configures the memory as $256 \times 16$ bits; connecting it to Ground (or leaving it floating) configures it as $512 \times 8$ bits. * **Write Protection:** The device includes a "Write Enable" instruction that must be sent before any modification to the memory can occur, preventing accidental data loss during power transitions. * **Self-Timed Programming:** When a write command is issued, the chip handles the internal timing of the erase/write cycle automatically, freeing up the host microcontroller. --- ### 4. Part Number Breakdown: M93C66-RMB7 1. **M93C66:** Base part number (4-Kbit Microwire EEPROM). 2. **-R:** Indicates the operating voltage range (1.8V to 5.5V). 3. **MB:** Refers to the **UFDFPN8** (MLP8) package type. 4. **7:** Indicates Device Grade 7 (Industrial temperature range: -40 to 105°C). --- ### 5. Common Applications * **Consumer Electronics:** Storing user preferences in TV tuners or audio equipment. * **Industrial:** Calibration data and configuration settings for sensors. * **Automotive:** Storing odometer data or module-specific identification codes.
    ✨ Follow-up Questions
    • ⤷ How does the Microwire interface differ from the SPI protocol?
    • ⤷ What are the advantages of using a UFDFPN8 package over a standard SO8?
    • ⤷ How do you properly wire the ORG pin for a 16-bit word configuration?