M93C66-RMB7TP
AI

The **M93C66-RMB7TP** is a specific type of Non-Volatile Memory (NVM) produced by STMicroelectronics. It belongs to the Microwire bus family of Serial EEPROMs.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (4096 bits) |
| **Memory Organization** | 256 x 16-bit or 512 x 8-bit (Configurable via ORG pin) |
| **Interface** | Microwire (3-wire Serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine Pitch Dual Flat No-lead |
| **Write Cycles** | 4 Million cycles |
| **Data Retention** | 200 Years |
---
## 2. Key Internal Parts & Functionality
The device consists of several internal blocks that manage data integrity and communication:
### A. Memory Array
The core of the chip is a 4-Kbit EEPROM array. It uses a floating-gate transistor technology that allows data to remain stored even when the power is disconnected.
### B. Control Logic & Instruction Decoder
Since it uses the Microwire protocol, the chip interprets specific opcodes sent via the **DI (Data Input)** pin. These instructions include:
* **READ:** Read data from memory.
* **WRITE:** Write data to memory.
* **WEN/WDS:** Write Enable and Disable (Safety latch).
* **ERAL/WRAL:** Erase all or Write all (Bulk operations).
### C. The "ORG" Pin (Organization)
One of the most important hardware features. The state of the ORG pin determines how the memory is accessed:
* **Connected to Vcc:** Organized as 256 words of 16 bits.
* **Connected to Vss (GND):** Organized as 512 bytes of 8 bits.
---
## 3. Pinout Description (UFDFPN8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Internal Organization (x8 or x16) |
| 7 | **DU** | Don't Use (Internal connection) |
| 8 | **Vcc** | Supply Voltage |
---
## 4. Part Number Decoding
The suffix **RMB7TP** provides specific manufacturing details:
* **R:** Supply Voltage range (1.8V to 5.5V).
* **MB:** Package type (UFDFPN8 2x3 mm).
* **7:** Device grade (Industrial temperature range -40 to 85°C).
* **TP:** Packing type (Tape & Reel).
- ⤷
How does the Microwire protocol differ from SPI in this EEPROM?
- ⤷ What are the common use cases for a 4Kbit EEPROM in modern electronics?
- ⤷ What happens if the ORG pin is left floating?