M93C86-RBN3G
AI

## Overview of M93C86-RBN3G
The **M93C86-RBN3G** is a specific type of Non-Volatile Memory (NVM). It is a **16-Kbit serial MICROWIRE EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbits (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | PDIP8 (Plastic Dual In-line Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific hardware features:
* **M93C86**: The base model number (16 Kbit MICROWIRE EEPROM).
* **-R**: Indicates the operating voltage range (1.8V to 5.5V).
* **BN**: Represents the package type (**PDIP8**, 300 mil width).
* **3**: Indicates the temperature range (-40°C to +125°C).
* **G**: Denotes **EcoPACK®2** (RoHS compliant, Lead-free/Halogen-free).
---
### 3. Functional Pinout (PDIP8)
The device communicates via a simple synchronous serial protocol.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Activate device) |
| 2 | **C** | Serial Clock (Synchronizes data transfer) |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (x8 or x16 mode) |
| 7 | **DU** | Don't Use (Must be left unconnected or tied to Vss) |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Core Features and Applications
#### Features
* **User-Configurable Organization**: Through the **ORG** pin, the user can choose to access the memory as 2048 bytes (8-bit) or 1024 words (16-bit).
* **Self-Timed Programming**: The chip handles its own internal erase/write timing, meaning the microcontroller doesn't need to manage the write clock.
* **Ready/Busy Signal**: During a write cycle, the Data Output (Q) pin can be polled to see if the device has finished its task.
#### Common Applications
* **Automotive Systems**: Storing calibration data, odometer readings, or user settings in car electronics.
* **Industrial Controls**: Parameter storage for PLC modules or sensors.
* **Consumer Electronics**: Storing configuration data for appliances or networking equipment.
- ⤷
What is the difference between MICROWIRE and SPI interfaces for this EEPROM?
- ⤷ How does the ORG pin change the memory addressing logic?
- ⤷ Can this specific PDIP8 version be used in surface-mount applications with an adapter?