AI

## M95010-RBN6 Electronic Components Overview
The **M95010-RBN6** is a low-voltage, serial Peripheral Interface (SPI) Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is designed for high-reliability data storage in space-constrained applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 5 MHz (at 1.8V) to 20 MHz (at 4.5V) |
| **Package Type** | PDIP8, SO8, TSSOP8, or UFDFPN8 |
| **Temperature Range** | -40°C to +85°C |
| **Write Cycles** | 4,000,000 Cycles (Minimum) |
| **Data Retention** | 200 Years |
---
### 2. Pin Configuration and Functions
The device typically comes in an 8-pin package. Below are the functional descriptions of each pin:
| Pin | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **S#** | Chip Select (Active Low) - Activates the device. |
| 2 | **Q** | Serial Data Output - Sends data to the Master. |
| 3 | **W#** | Write Protect - Prevents hardware writes to the status register. |
| 4 | **VSS** | Ground. |
| 5 | **D** | Serial Data Input - Receives instructions/data from the Master. |
| 6 | **C** | Serial Clock - Synchronizes data movement. |
| 7 | **HOLD#** | Hold - Pauses communication without resetting the chip. |
| 8 | **VCC** | Supply Voltage. |
---
### 3. Core Operational Features
* **Instruction Set:** The device supports standard SPI opcodes, including `WREN` (Write Enable), `WRITE`, `READ`, and `RDSR` (Read Status Register).
* **Block Protection:** Users can software-protect portions of the memory (Quarter, Half, or Whole) via the Status Register bits.
* **Page Write Mode:** It supports writing up to 16 bytes in a single cycle, which significantly improves write throughput compared to byte-by-byte writing.
* **Self-Timed Write Cycle:** The internal write cycle is self-timed, meaning the system can perform other tasks while the memory finishes storing the data (typically takes 5ms).
---
### 4. Part Number Breakdown: M95010-RBN6
* **M95:** SPI family of EEPROMs.
* **010:** Density (1 Kbit).
* **-R:** Operating voltage range (1.8V to 5.5V).
* **BN:** Package code (e.g., Plastic Dual-in-line Package).
* **6:** Industrial temperature range (-40°C to 85°C).
---
- ⤷
What are the specific power consumption levels for the M95010-RBN6 during standby?
- ⤷ How does the 'Hold' pin functionality affect the SPI bus communication in a multi-slave system?
- ⤷ Can you provide a code example for initializing a Read command for this chip in C?