AI

The **M95128-RMB3G/A** is a high-performance, high-reliability Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is specifically designed for applications requiring robust non-volatile storage and low power consumption.
---
### ## 1. Key Technical Specifications
The following table outlines the primary electrical and functional characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 bytes) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Max Clock Frequency** | 20 MHz (at VCC > 4.5V) |
| **Supply Voltage (VCC)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 1) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### ## 2. Core Electronic Components & Architecture
The device is composed of several internal blocks that manage data flow and storage:
* **Memory Array:** Organized as 16,384 words of 8 bits each.
* **SPI Control Logic:** Handles the communication protocol, supporting SPI modes 0 and 3. It manages commands like `READ`, `WRITE`, `WREN` (Write Enable), and `RDSR` (Read Status Register).
* **Write Latches:** A 64-byte page buffer that allows for efficient "Page Write" operations, reducing the total programming time.
* **Error Correction Code (ECC):** This specific series often includes internal hardware ECC to enhance reliability against single-bit failures.
* **Status Register:** A volatile register used to monitor the progress of write operations and to set block protection (write-protection) settings.
---
### ## 3. Pinout Configuration
The M95128-RMB3G/A typically utilizes an 8-pin layout:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when pulled low. |
| **D (MOSI)** | Serial Data In | Data input for instructions and addresses. |
| **Q (MISO)** | Serial Data Out | Data output for read operations. |
| **C (SCK)** | Serial Clock | Synchronizes data movement. |
| **W** | Write Control | Hardware protection against unauthorized writes. |
| **HOLD** | Hold | Pauses communication without resetting the chip. |
| **VCC / VSS** | Power / Ground | Supply voltage and reference ground. |
---
### ## 4. Application Context
The "R" in the part number indicates a high-reliability process, and the "3" indicates **Automotive Grade 1** qualification (AEC-Q100).
**Common Uses:**
* **Automotive:** Storing calibration data for ECUs, odometer readings, or crash event data.
* **Industrial:** Configuration storage for PLCs and sensors operating in harsh thermal environments.
* **Medical:** Devices requiring long-term data integrity and high write endurance.
- ⤷
What is the difference between the M95128-R and the standard M95128-W version?
- ⤷
How does the internal Error Correction Code (ECC) work in this EEPROM?
- ⤷
What are the specific timing requirements for the SPI 'Page Write' operation?