M95128-RMB3TP/PC
AI

## Technical Overview: M95128-RMB3TP/PC
The **M95128-RMB3TP/PC** is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by STMicroelectronics. It belongs to the SPI (Serial Peripheral Interface) family, designed for high-reliability applications where small footprints and low power consumption are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Max Clock Frequency** | 20 MHz (at 4.5V - 5.5V) / 5-10 MHz (at lower voltages) |
| **Operating Voltage** | 1.8V to 5.5V (Wide Range) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C (Automotive/Industrial grade) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Core Functional Blocks
1. **Memory Array:** The 128 Kbit storage is organized as 256 pages of 64 bytes each.
2. **SPI Logic Control:** Manages communication via four signals:
* **S (Chip Select):** Activates the device.
* **D (Serial Data Input):** Receives instructions and data.
* **Q (Serial Data Output):** Sends data to the host MCU.
* **C (Serial Clock):** Synchronizes data movement.
3. **Write Protection Mechanism:**
* **Status Register:** Contains bits (BP0, BP1) to software-protect portions of the memory.
* **W Pin:** A hardware pin to prevent unauthorized write operations to the Status Register.
* **HOLD Pin:** Allows pausing communication without deselecting the device.
---
### 3. Part Number Breakdown: M95128-RMB3TP/PC
The alphanumeric suffix provides specific details about the physical and chemical properties of the chip:
* **M95:** SPI family of EEPROMs.
* **128:** 128 Kbit density.
* **-R:** Operating voltage range of 1.8V to 5.5V.
* **MB:** Package type (UFDFPN8 2x3mm).
* **3:** Range 3 temperature (-40°C to +125°C).
* **TP:** Tape and Reel packaging.
* **PC:** Process technology code (often related to specific manufacturing site or die revision).
---
### 4. Implementation Example (SPI Mode 0)
To read data from the device, the MCU must pull **S** low and send the `READ` instruction followed by the 16-bit address.
```c
// Pseudo-code for Read Operation
void ReadEEPROM(uint16_t address) {
CS_Low(); // Select Chip
SPI_Transfer(0x03); // READ Opcode
SPI_Transfer(address >> 8); // MSB Address
SPI_Transfer(address & 0xFF); // LSB Address
uint8_t data = SPI_Transfer(0x00); // Clock out the data
CS_High(); // Deselect Chip
}
```
---
- ⤷
What are the main differences between the M95128 and the I2C-based M24128 series?
- ⤷ How does the 'HOLD' pin function in a multi-slave SPI bus configuration?
- ⤷ What are the power consumption levels in Standby vs. Active mode for this specific part?