M95128-RMB6TG/PC
AI

## M95128-RMB6TG Electronic Component Overview
The **M95128-RMB6TG** is a high-performance Serial Peripheral Interface (SPI) EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for non-volatile data storage in applications where low power consumption and high reliability are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 128 Kbit (16,384 bytes) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Details
#### A. Memory Organization
The 128 Kbit memory is organized as **16,384 x 8 bits**. It supports page-based writing, which allows up to **64 bytes** to be written in a single instruction cycle, significantly improving write throughput compared to byte-by-byte writing.
#### B. The SPI Protocol
The device operates in SPI Mode 0 (0,0) and Mode 3 (1,1). It utilizes four main signals:
* **S (Chip Select):** Activates the device.
* **D (Serial Data Input):** Receives instructions and data.
* **Q (Serial Data Output):** Transfers data out of the device.
* **C (Serial Clock):** Synchronizes the data transfer.
#### C. Protection Mechanisms
* **Write Protect (W):** A hardware pin to lock the memory against write instructions.
* **Hold (HOLD):** Pauses serial communication without deselecting the device.
* **WIP (Write In Progress) Bit:** A status register bit that indicates if an internal write cycle is active.
---
### 3. Decoding the Part Number (M95128-RMB6TG)
| Code Segment | Meaning |
| :--- | :--- |
| **M95** | STMicroelectronics SPI Family |
| **128** | Density (128 Kbits) |
| **-R** | Voltage Range: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2x3 mm) |
| **6** | Temperature Grade: -40 to 85°C |
| **TG** | Packing: Tape & Reel |
---
### 4. Typical Applications
Due to its small footprint and low voltage requirements, this part is commonly found in:
* **Mobile Devices:** Storing calibration data or user settings.
* **Wearables:** Storing biometric data or firmware parameters.
* **Industrial Modules:** Storing configuration logs.
* **Medical Equipment:** Small-scale non-volatile logging.
- ⤷
What are the specific power consumption ratings for this device in Standby mode?
- ⤷ How does the UFDFPN8 package differ from a standard SO8 package in terms of PCB footprint?
- ⤷ Can you explain the difference between SPI Mode 0 and Mode 3 for this EEPROM?