AI

The **M95320-RMB3/B** is a high-performance, industrial-grade Serial Peripheral Interface (SPI) EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in automotive and industrial applications.
---
### 1. Key Technical Specifications
The following table outlines the core electronic parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) |
| **Interface** | SPI (Mode 0 and Mode 3) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency ($f_C$)** | Up to 20 MHz (at 4.5V - 5.5V) |
| **Page Size** | 32 Bytes |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
| **Operating Temperature** | -40°C to +125°C (Grade 3) |
---
### 2. Part Number Breakdown
The suffix `RMB3/B` provides critical information regarding the physical and electrical characteristics:
* **M95320**: Base series (32 Kbit SPI EEPROM).
* **-R**: Indicates a wide supply voltage range (1.8V to 5.5V).
* **MB**: Represents the package type, specifically **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead, 2x3 mm).
* **3**: Indicates Device Grade 3 (Operating temperature from **-40 to +125°C**).
* **B**: Reflects the specific process technology or manufacturing generation.
---
### 3. Functional Features
#### SPI Protocol Support
The device operates using four signals:
1. **Chip Select ($S$)**: Activates the device.
2. **Serial Data Input ($D$)**: Used to transfer data into the device.
3. **Serial Data Output ($Q$)**: Used to read data out of the device.
4. **Serial Clock ($C$)**: Synchronizes the data transfer.
#### Hardware Protection
* **Write Protect ($\overline{W}$)**: A hardware pin used to freeze the status register, preventing accidental writes to the memory.
* **Hold ($\overline{HOLD}$)**: Allows the communication to be paused without deselecting the device, which is useful when sharing the SPI bus with other peripherals.
#### Memory Organization
The 32 Kbits are organized as 4,096 bytes. Instructions like `READ`, `WRITE`, `WREN` (Write Enable), and `RDSR` (Read Status Register) are used to manage the data.
---
### 4. Typical Application Circuit
In a standard electronic design, the M95320-RMB3/B is connected to a Microcontroller (MCU) as follows:
```c
// Connection Diagram
MCU (Master) M95320 (Slave)
----------- --------------
SPI_MOSI ------> D (Pin 5)
SPI_MISO <------ Q (Pin 2)
SPI_SCK ------> C (Pin 6)
GPIO_CS ------> S (Pin 1)
VCC (3.3V) ------> VCC (Pin 8)
GND ------> VSS (Pin 4)
```
- ⤷
What are the power consumption levels for this EEPROM in standby vs active mode?
- ⤷ How does the 'Page Write' cycle time compare to the 'Byte Write' time for this model?
- ⤷ Is this specific part number AEC-Q100 qualified for automotive use?