M95320-RMB3G/B
AI

The **M95320-RMB3G/B** is a specific variant of a Serial Serial Peripheral Interface (SPI) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by **STMicroelectronics**.
---
### 1. Key Technical Specifications
This component is designed for low-power applications requiring non-volatile storage.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 10 MHz (at 2.5V - 5.5V) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Breakdown of the Part Number
The alphanumeric suffix provides specific details about the manufacturing and packaging:
* **M95320**: Base part number for the 32 Kbit SPI EEPROM family.
* **-R**: Indicates the operating voltage range (1.8V to 5.5V).
* **MB**: Represents the package type (**UFDFPN8**, 2x3 mm).
* **3**: Indicates the operating temperature range (-40°C to +125°C).
* **G**: Indicates "ECOPACK2" (RoHS compliant and Halogen-free).
* **B**: Often refers to the specific plating or internal revision/process technology (Process letter).
---
### 3. Functional Pinout (UFDFPN8)
The device typically follows the standard SPI EEPROM pin configuration:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **S#** | Chip Select (Active Low) |
| 2 | **Q** | Serial Data Output |
| 3 | **W#** | Write Protect |
| 4 | **Vss** | Ground |
| 5 | **D** | Serial Data Input |
| 6 | **C** | Serial Clock |
| 7 | **HOLD#** | Pause Serial Communication |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Core Features
* **Byte and Page Write:** Supports writing a single byte or a page of up to 32 bytes at a time.
* **Write Protection:** Includes hardware write protection via the `W#` pin and software protection via the Status Register (Block Protect bits).
* **High Reliability:** Designed for automotive-grade reliability, making it suitable for under-the-hood modules or industrial controllers where temperature fluctuations are common.
---
- ⤷What are the specific SPI modes supported by the M95320-RMB3G/B?
- ⤷ How does the 'Hold' function affect the SPI communication flow?
- ⤷ What is the typical power consumption in standby mode for this EEPROM?