AI

## Technical Overview: M95320-RMB3TG/P
The **M95320-RMB3TG/P** is a high-performance, low-voltage **Serial SPI EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for applications requiring non-volatile storage with high endurance and data retention.
---
### 1. Key Technical Specifications
| Parameter | Value / Detail |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V (Wide Range) |
| **Max Clock Frequency** | 20 MHz (at 4.5V - 5.5V) / 5 MHz (at 1.8V) |
| **Page Size** | 32 Bytes |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
### 2. Functional Electronic Parts & Features
The internal architecture and external pinout are designed for high-speed data integrity:
* **Memory Array:** Organized as 4096 bytes of 8 bits each.
* **Write Protection:** Includes a hardware Write Protect (`/WP`) pin and software programmable block protection (Quarter, Half, or Whole memory).
* **Instruction Set:** Supports standard SPI opcodes (WREN, WRDI, RDSR, WRSR, READ, WRITE).
* **Write Cycle:** Self-timed write cycle (typically 5ms) with an internal logic controller that handles the erasing/programming sequence.
* **Endurance:** Guaranteed 4 million write cycles, making it suitable for frequent data logging.
* **Data Retention:** Up to 200 years.
---
### 3. Part Number Breakdown (M95320-RMB3TG/P)
The suffix provides specific details about the physical and chemical properties of the component:
* **M95320:** 32 Kbit Serial SPI EEPROM.
* **-R:** Operating Voltage range of 1.8V to 5.5V.
* **MB:** Package type UFDFPN8 (2x3 mm).
* **3:** Device Grade 3 (Operating temperature -40 to +125 °C).
* **TG:** Tape & Reel packing / RoHS compliant (Green).
* **/P:** Specific process technology or specialized finishing (often related to lead-free/halogen-free standards).
---
### 4. Typical Application Circuit
In a digital circuit, the device interacts with a Microcontroller (MCU) as follows:
```cpp
// Typical SPI Pin Mapping
MCU_MOSI --> SDI (Serial Data In)
MCU_MISO <-- SDO (Serial Data Out)
MCU_SCK --> C (Serial Clock)
MCU_CS --> S (Chip Select)
VCC --> 1.8V - 5.5V
GND --> 0V
```
- ⤷What are the differences between M95320-R and M95320-W series?
- ⤷ Can this EEPROM handle automotive grade temperature requirements?
- ⤷ What is the maximum power consumption during a write cycle?