M95640-RMB3TG/B
AI

The **M95640-RMB3TG/B** is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by STMicroelectronics. It is part of the M95x series, commonly used in automotive and industrial applications requiring non-volatile storage.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbit (8,192 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 1) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Part Number Breakdown
The suffix **RMB3TG/B** provides specific details about the manufacturing and packaging:
* **M95640**: Base part number (64 Kbit SPI EEPROM).
* **-R**: Range of operating voltage (1.8V to 5.5V).
* **MB**: Package code for UFDFPN8 (2x3 mm).
* **3**: Temperature range (-40°C to +125°C).
* **TG**: Tape and Reel packing.
* **/B**: Specific process or manufacturing plant identifier (often denotes high-reliability automotive grade).
---
### 3. Functional Features
* **Block Protection:** Allows the user to write-protect quarter, half, or the entire memory array via software.
* **Hardware Protection:** Includes a Write Protect ($\overline{W}$) pin and a Hold ($\overline{HOLD}$) pin for pausing serial communication without deselecting the device.
* **Page Write Mode:** Supports writing up to 32 bytes in a single instruction cycle.
* **Low Power Consumption:** Features a Deep Power-Down mode to save energy in battery-operated devices.
---
### 4. Typical Applications
Due to its high reliability and wide temperature range, this part is frequently found in:
1. **Automotive Systems:** Airbag controllers, Engine Control Units (ECU), and dashboard clusters.
2. **Industrial Automation:** Sensor calibration data storage and parameter logging.
3. **Consumer Electronics:** Smart meters and medical handheld devices.
---
### 5. SPI Instruction Set
The device operates using standard SPI opcodes. Below is a simplified representation of the command structure:
```cpp
// Common SPI Opcode Examples
#define WREN 0x06 // Write Enable
#define WRDI 0x04 // Write Disable
#define RDSR 0x05 // Read Status Register
#define READ 0x03 // Read from Memory Array
#define WRITE 0x02 // Write to Memory Array
```
---
- ⤷
What are the differences between SPI and I2C EEPROMs like the M24 series?
- ⤷ How does the 'Page Write' cycle affect the overall writing speed of the M95640?
- ⤷ Can you provide a wiring diagram description for connecting this to a microcontroller?